Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13176 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC13176
Description  UHF FM/AM Transmitter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13176 Datasheet(HTML) 5 Page - Motorola, Inc

  MC13176 Datasheet HTML 1Page - Motorola, Inc MC13176 Datasheet HTML 2Page - Motorola, Inc MC13176 Datasheet HTML 3Page - Motorola, Inc MC13176 Datasheet HTML 4Page - Motorola, Inc MC13176 Datasheet HTML 5Page - Motorola, Inc MC13176 Datasheet HTML 6Page - Motorola, Inc MC13176 Datasheet HTML 7Page - Motorola, Inc MC13176 Datasheet HTML 8Page - Motorola, Inc MC13176 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MC13176
5
MOTOROLA RF/IF DEVICE DATA
–30
I7, PHASE DETECTOR CURRENT (µA)
– 20
–10
10
20
30
0
–40
ICont, OSCILLATOR CONTROL CURRENT (µA)
– 20
0
20
40
80
60
– 40
°C
25
°C
85
°C
VCC = 3.0 Vdc
Imod = 2.0 mA
f = 320 MHz (ICont = 0; TA = 25 °C)
Free–Running Oscillator
0.1
Ireg. enable, REGULATOR ENABLE CURRENT (µA)
1.0
10
100
1000
Figure 3. Supply Current
versus Supply Voltage
Figure 4. Supply Current versus
Regulator Enable Current
Figure 5. Change Oscillator Frequency
versus Oscillator Control Current
Figure 6. Change in Oscillator Frequency and
Output Power versus Ambient Temperature
Figure 7. Reference Oscillator
Frequency versus Phase Detector Current
0
VCC, SUPPLY VOLTAGE (Vdc)
Ireg. enable = 90 µA
Imod = 0
1.0
2.0
3.0
4.0
5.0
–50
TA, AMBIENT TEMPERATURE (°C)
0
50
100
5.5
5.0
4.5
4.0
3.5
3.0
VCC = 3.0 Vdc
Imod = 2.0 mA
f = 320 MHz (ICont = 0; TA = 25°C)
Free–Running Oscillator
∆fosc
PO
10.3
10.2
10.1
9.9
9.8
10
–10
10
5.0
0
– 5.0
–15
100
10
1.0
10
8.0
6.0
4.0
2.0
0
4.0
3.0
2.0
1.0
0
–1.0
– 2.0
– 3.0
– 4.0
VCC = 3.0 Vdc
Imod = 0
Closed Loop Response:
VCC = 3.0 Vdc
fo = 32 x fref
Vref = 500 mVp–p
Imod = 1.0 mA
ICC = 22 mA
PO = –1.1 dBm
Imod = 2.0 mA
ICC = 35.5 mA
PO = 4.7 dBm
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
ARCHIVED BY FREESCALE SEMICONDUCTOR, INC. 2005


Similar Part No. - MC13176

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13176D MOTOROLA-MC13176D Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
LANSDALE Semiconductor ...
MC13176D LANSDALE-MC13176D Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Similar Description - MC13176

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175 Datasheet
579Kb / 16P
   UHF FM/AM Transmitter
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com