Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1V153JJ Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EETUQ1V153JJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1V153JJ Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button EETUQ1V153JJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 9Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 10Page - Panasonic Semiconductor EETUQ1V153JJ Datasheet HTML 11Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
Standard Products
Endurance : 85 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
200
390
22
25
EETUQ2D391HJ
1.68
0.15
200
470
22
30
EETUQ2D471HJ
1.85
0.15
200
560
22
30
EETUQ2D561HJ
2.43
0.15
200
25
25
EETUQ2D561JJ
2.43
0.15
200
680
22
35
EETUQ2D681HJ
2.68
0.15
200
25
30
EETUQ2D681JJ
2.68
0.15
200
820
22
40
EETUQ2D821HJ
2.93
0.15
200
25
30
EETUQ2D821JJ
2.93
0.15
200
30
25
EETUQ2D821KJ
2.93
0.15
200
1000
22
45
EETUQ2D102HJ
3.25
0.15
200
25
35
EETUQ2D102JJ
3.25
0.15
200
30
30
EETUQ2D102KJ
3.25
0.15
200
35
25
EETUQ2D102LJ
3.25
0.15
200
1200
22
50
EETUQ2D122HJ
3.50
0.15
200
25
40
EETUQ2D122JJ
3.50
0.15
200
30
30
EETUQ2D122KJ
3.50
0.15
200
1500
25
50
EETUQ2D152JJ
3.87
0.15
200
30
35
EETUQ2D152KJ
3.87
0.15
100
35
30
EETUQ2D152LJ
3.87
0.15
200
1800
30
45
EETUQ2D182KJ
4.32
0.15
100
35
35
EETUQ2D182LJ
4.32
0.15
100
2200
30
50
EETUQ2D222KJ
4.92
0.15
100
35
40
EETUQ2D222LJ
4.92
0.15
100
2700
35
50
EETUQ2D272LJ
5.45
0.15
100
220
330
22
25
EETUQ2Q331HJ
1.58
0.15
200
470
22
30
EETUQ2Q471HJ
1.99
0.15
200
25
25
EETUQ2Q471JJ
1.99
0.15
200
560
22
35
EETUQ2Q561HJ
2.28
0.15
200
25
30
EETUQ2Q561JJ
2.28
0.15
200
680
22
35
EETUQ2Q681HC
2.46
0.15
200
22
40
EETUQ2Q681HJ
2.46
0.15
200
25
30
EETUQ2Q681JJ
2.46
0.15
200
30
25
EETUQ2Q681KJ
2.46
0.15
200
820
22
45
EETUQ2Q821HJ
2.81
0.15
200
25
35
EETUQ2Q821JJ
2.81
0.15
200
1000
25
45
EETUQ2Q102JJ
3.29
0.15
200
30
30
EETUQ2Q102KJ
3.29
0.15
200
1200
25
50
EETUQ2Q122JJ
3.60
0.15
200
30
35
EETUQ2Q122KJ
3.60
0.15
100
35
30
EETUQ2Q122LJ
3.60
0.15
200
1500
30
45
EETUQ2Q152KJ
3.92
0.15
100
35
35
EETUQ2Q152LJ
3.92
0.15
100
1800
30
50
EETUQ2Q182KJ
4.30
0.15
100
35
40
EETUQ2Q182LJ
4.30
0.15
100
2200
35
50
EETUQ2Q222LJ
4.95
0.15
100
Jul. 2008


Similar Part No. - EETUQ1V153JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1V153JJ PANASONIC-EETUQ1V153JJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1V153JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com