Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33192 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MC33192
Description  MI-Bus Interface Stepper Motor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33192 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MC33192 Datasheet HTML 4Page - Motorola, Inc MC33192 Datasheet HTML 5Page - Motorola, Inc MC33192 Datasheet HTML 6Page - Motorola, Inc MC33192 Datasheet HTML 7Page - Motorola, Inc MC33192 Datasheet HTML 8Page - Motorola, Inc MC33192 Datasheet HTML 9Page - Motorola, Inc MC33192 Datasheet HTML 10Page - Motorola, Inc MC33192 Datasheet HTML 11Page - Motorola, Inc MC33192 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MC33192
10
MOTOROLA ANALOG IC DEVICE DATA
B1
Figure 12. H–Bridge Output Drive Circuit and Diagnostic Encoder
Inh1
Dir 1
E
E
BF1
BF2
ST
Programming
Thermal
S2
S1
S0
Ground
A2
A1
Coil 1
VCC
Coil 2
B2
E
Inh2
Dir2
C
DQ
Q3
D3
Q2
D2
Q5
Q6
Q1
D1
Q4
D4
S2
S1
S0
Status
00
0
00
1
Not Used
Free
No Back EMF
Free
Normal/OK
Thermal
01
0
01
1
10
0
10
1
11
0
11
1
Programming
Selection Failed
Second
H–Bridge
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33192

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33191 MOTOROLA-MC33191 Datasheet
294Kb / 5P
   Automotive 12V ignition driver
MC33191P MOTOROLA-MC33191P Datasheet
294Kb / 5P
   Automotive 12V ignition driver
MC33193 MOTOROLA-MC33193 Datasheet
262Kb / 8P
   Automotive Direction Indicator
logo
ARTSCHIP ELECTRONICS CO...
MC33193 ARTSCHIP-MC33193 Datasheet
385Kb / 8P
   Automotive Direction Indicator
logo
Motorola, Inc
MC33193D MOTOROLA-MC33193D Datasheet
262Kb / 8P
   Automotive Direction Indicator
More results

Similar Description - MC33192

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9629A NXP-PCA9629A Datasheet
1Mb / 59P
   Fm I2C-bus advanced stepper motor controller
Rev. 2-21 March 2014
logo
ELM Electronics
ELM313 ELM-ELM313 Datasheet
32Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM311 ELM-ELM311 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM312 ELM-ELM312 Datasheet
31Kb / 5P
   STEPPER MOTOR CONTROLLER
ELM310 ELM-ELM310 Datasheet
37Kb / 5P
   STEPPER MOTOR CONTROLLER
logo
LSI Computer Systems
LS8297 LSI-LS8297 Datasheet
216Kb / 8P
   STEPPER MOTOR CONTROLLER
LS7290 LSI-LS7290 Datasheet
430Kb / 9P
   STEPPER MOTOR CONTROLLER
LS8397 LSI-LS8397 Datasheet
229Kb / 8P
   STEPPER MOTOR CONTROLLER
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com