Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1HP392BJ Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECEC1HP392BJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1HP392BJ Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECEC1HP392BJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 9Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 10Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 11Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 12Page - Panasonic Semiconductor ECEC1HP392BJ Datasheet HTML 13Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE182 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
(A)
(mm)
(V)
(µF)
(mm)
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
150
25
30
1.12
0.15
ECEC2VP151CJ
200
30
25
1.12
0.15
ECEC2VP151DJ
200
180
22
40
1.22
0.15
ECEC2VP181BJ
200
25
35
1.22
0.15
ECEC2VP181CJ
200
30
25
1.22
0.15
ECEC2VP181DJ
200
220
22
45
1.44
0.15
ECEC2VP221BJ
200
25
40
1.44
0.15
ECEC2VP221CJ
200
30
30
1.44
0.15
ECEC2VP221DJ
200
35
25
1.44
0.15
ECEC2VP221EJ
200
270
25
45
1.66
0.15
ECEC2VP271CJ
200
350
30
35
1.66
0.15
ECEC2VP271DJ
100
35
30
1.66
0.15
ECEC2VP271EJ
200
330
25
50
1.88
0.15
ECEC2VP331CJ
200
30
40
1.88
0.15
ECEC2VP331DJ
100
35
30
1.88
0.15
ECEC2VP331EJ
200
390
30
45
2.06
0.15
ECEC2VP391DJ
100
35
35
2.06
0.15
ECEC2VP391EJ
100
470
30
50
2.40
0.15
ECEC2VP471DJ
100
35
40
2.40
0.15
ECEC2VP471EJ
100
560
35
45
2.60
0.15
ECEC2VP561EJ
100
680
35
50
2.96
0.15
ECEC2VP681EJ
100
68
22
25
0.76
0.15
ECEC2GP680BJ
200
82
22
25
0.83
0.15
ECEC2GP820BJ
200
100
22
30
0.92
0.15
ECEC2GP101BJ
200
25
25
0.92
0.15
ECEC2GP101CJ
200
120
22
35
1.02
0.15
ECEC2GP121BJ
200
25
30
1.02
0.15
ECEC2GP121CJ
200
150
22
40
1.16
0.15
ECEC2GP151BJ
200
25
30
1.16
0.15
ECEC2GP151CJ
200
30
25
1.16
0.15
ECEC2GP151DJ
200
180
22
45
1.44
0.15
ECEC2GP181BJ
200
400
25
35
1.44
0.15
ECEC2GP181CJ
200
30
30
1.44
0.15
ECEC2GP181DJ
200
220
22
50
1.49
0.15
ECEC2GP221BJ
200
25
40
1.49
0.15
ECEC2GP221CJ
200
30
30
1.49
0.15
ECEC2GP221DJ
200
270
25
45
1.67
0.15
ECEC2GP271CJ
200
30
35
1.67
0.15
ECEC2GP271DJ
100
35
30
1.67
0.15
ECEC2GP271EJ
200
330
30
40
1.90
0.15
ECEC2GP331DJ
100
35
35
1.90
0.15
ECEC2GP331EJ
100
390
30
45
2.13
0.15
ECEC2GP391DJ
100
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
(pcs)
Min.PackagingQ'ty
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1HP392BJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1HP392BA PANASONIC-ECEC1HP392BA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
More results

Similar Description - ECEC1HP392BJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com