Electronic Components Datasheet Search |
|
EETHC1E393LJ Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
EETHC1E393LJ Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 13 page Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Aluminum Electrolytic Capacitors/ HC 1.5 ±0.2 2.0 max. Terminal (t=0.8) 4.0 ±0.5 Top of spin Standard terminal type does not require terminal trimming peocess. L+2.0 max. Rated voltage etc. indicate to sleeve. (10 .0) 10. 0±0.1 2- φ2.0±0.1 Sleeve Vent Polarity bar Recommended PWB piercing plan 0.8 +0.2 –0.1 ( φD) ■ Features ● Endurance : 105 °C 2000 h ● 30 % smaller than series TS-HB ● RoHS directive compliant Snap-in Type Series: HC Type: TS ■ Specifications ■ Dimensions in mm (not to scale) Category Temp. Range –40 °C to +105 °C –25 °C to +105 °C Rated W.V. Range 10 V.DC to 100 V.DC 160 V.DC to 250 V.DC 315 V.DC to 450 V.DC Nominal Cap. Range820 µF to 100000 µF 150 µF to 3300 µF 39 µF to 1000 µF Capacitance Tolerance ±20 % (120 Hz/+20 °C) DC Leakage Current 3 CV (µA) max. After 5 minutes application of rated working voltage at +20 °C. C : Capacitance (µF) V: W.V. (V.DC) tan δ Please see the attached standard products list Frequency Correction Factor for Ripple Current Frequency (Hz) 50 60 100 120 500 1 k 10 k to 10 V.DC to 100 V.DC /C.F. 0.93 0.95 0.99 1.00 1.05 1.08 1.15 160 V.DC to 450 V.DC /C.F. 0.75 0.80 0.95 1.00 1.20 1.25 1.40 Endurance After 2000 hours application of DC voltage with specified ripple current ( < rated DC working voltage) at +105 °C±2 °C, the capacitors shall meet the following limits. Capacitance change < ±20 % of initial measured value tan δ < 200 % of initial specified value DC leakage current < initial specified value Shelf Life After storage for 1000 hours at +105 °C±2 °C within no voltage applied and then being stabilized at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment) (mm) Jul. 2008 |
Similar Part No. - EETHC1E393LJ |
|
Similar Description - EETHC1E393LJ |