Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1VA822CJ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECEC1VA822CJ
Description  Snap-in Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1VA822CJ Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECEC1VA822CJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1VA822CJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1VA822CJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1VA822CJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1VA822CJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1VA822CJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1VA822CJ Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Aluminum Electrolytic Capacitors/ HA
 EE153 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
100
Standard Products
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min. Packaging Q'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
3300
35
30
2.6
0.17
ECEC1KA332EJ
200
3900
30
45
3.0
0.17
ECEC1KA392DJ
100
35
35
3.0
0.17
ECEC1KA392EJ
100
80
4700
30
50
3.3
0.17
ECEC1KA472DJ
100
35
40
3.3
0.17
ECEC1KA472EJ
100
5600
35
45
3.7
0.17
ECEC1KA562EJ
100
6800
35
50
3.9
0.17
ECEC1KA682EJ
100
560
22
25
1.1
0.15
ECEC2AA561BJ
200
820
22
30
1.4
0.15
ECEC2AA821BJ
200
25
25
1.4
0.15
ECEC2AA821CJ
200
1000
22
35
1.7
0.15
ECEC2AA102BJ
200
25
30
1.7
0.15
ECEC2AA102CJ
200
1200
22
40
1.8
0.15
ECEC2AA122BJ
200
25
35
1.8
0.15
ECEC2AA122CJ
200
30
25
1.8
0.15
ECEC2AA122DJ
200
1500
22
45
2.1
0.15
ECEC2AA152BJ
200
25
40
2.1
0.15
ECEC2AA152CJ
200
30
30
2.1
0.15
ECEC2AA152DJ
200
35
25
2.1
0.15
ECEC2AA152EJ
200
1800
25
45
2.3
0.15
ECEC2AA182CJ
200
30
35
2.3
0.15
ECEC2AA182DJ
100
35
30
2.3
0.15
ECEC2AA182EJ
200
2200
25
50
2.6
0.15
ECEC2AA222CJ
200
30
40
2.6
0.15
ECEC2AA222DJ
100
35
30
2.6
0.15
ECEC2AA222EJ
200
2700
30
45
2.9
0.15
ECEC2AA272DJ
100
35
35
2.9
0.15
ECEC2AA272EJ
100
3300
30
50
3.2
0.15
ECEC2AA332DJ
100
35
40
3.2
0.15
ECEC2AA332EJ
100
3900
35
45
3.6
0.15
ECEC2AA392EJ
100
4700
35
50
3.8
0.15
ECEC2AA472EJ
100
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1VA822CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1VA822CA PANASONIC-ECEC1VA822CA Datasheet
583Kb / 7P
   Aluminum Electrolytic Capacitors
More results

Similar Description - ECEC1VA822CJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com