Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEG1AU154L Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECEG1AU154L
Description  Screw Terminal Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG1AU154L Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECEG1AU154L Datasheet HTML 1Page - Panasonic Semiconductor ECEG1AU154L Datasheet HTML 2Page - Panasonic Semiconductor ECEG1AU154L Datasheet HTML 3Page - Panasonic Semiconductor ECEG1AU154L Datasheet HTML 4Page - Panasonic Semiconductor ECEG1AU154L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Aluminium Electrolytic Capacitors/GYU
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE180 –
Endurance : 85
°C 2000h
n
(mm)
(V)
(µF)
(A)
(mm)
(mm)
No
( ):Mounting Clamp
2point
clamp clamp
3 point
Terminal
Part No.
Specification
Dia.
Length
Case size
Cap.
(-10 to+30%)
W.V.
Ripple
current
(120Hz)
(+85˚C)
Pitch
Standard Products
39000
51
145
11.5
0.25
22.0
ECEG1KU393H( )
N
C
F
64
103
11.5
0.30
28.6
ECEG1KU393G( )
N
C
F
47000
64
125
14.3
0.30
28.6
ECEG1KU473F( )
N
C
F
80
56000
64
145
15.6
0.30
28.6
ECEG1KU563E( )
N
C
F
68000
77
125
16.8
0.40
31.8
ECEG1KU683D( )
N
C
F
100000
77
145
21.2
0.40
31.8
ECEG1KU104C( )
N
C
F
120000
90
150
26.2
0.50
31.8
ECEG1KU124A( )
N
F
5600
36
83
2.8
0.20
13.0
ECEG2AU562P( )
N
F
8200
36
103
3.8
0.20
13.0
ECEG2AU822N( )
N
F
10000
36
125
4.5
0.20
13.0
ECEG2AU103M( )
N
F
15000
51
83
5.7
0.20
22.0
ECEG2AU153L( )
N
C
F
18000
51
103
6.7
0.20
22.0
ECEG2AU183K( )
N
C
F
22000
51
125
8.2
0.20
22.0
ECEG2AU223J( )
N
C
F
100
27000
51
145
9.7
0.20
22.0
ECEG2AU273H( )
N
C
F
33000
64
103
10.5
0.25
28.6
ECEG2AU333G( )
N
C
F
39000
64
125
12.5
0.25
28.6
ECEG2AU393F( )
N
C
F
47000
64
145
14.3
0.25
28.6
ECEG2AU473E( )
N
C
F
56000
77
125
15.6
0.35
31.8
ECEG2AU563D( )
N
C
F
68000
77
145
18.1
0.35
31.8
ECEG2AU683C( )
N
C
F
100000
90
150
23.7
0.45
31.8
ECEG2AU104A( )
N
F
2200
36
83
2.31
0.15
13.0
ECEG2CU222P( )
N
F
2700
36
103
2.75
0.15
13.0
ECEG2CU272N( )
N
F
3300
36
125
3.38
0.15
13.0
ECEG2CU332M( )
N
F
3900
51
83
3.75
0.15
22.0
ECEG2CU392L( )
N
C
F
5600
51
103
5.00
0.15
22.0
ECEG2CU562K( )
N
C
F
6800
51
125
5.75
0.15
22.0
ECEG2CU682J( )
N
C
F
160
8200
51
145
6.75
0.15
22.0
ECEG2CU822H( )
N
C
F
64
103
6.75
0.15
28.6
ECEG2CU822G( )
N
C
F
10000
64
125
8.13
0.15
28.6
ECEG2CU103F( )
N
C
F
12000
64
145
9.50
0.15
28.6
ECEG2CU123E( )
N
C
F
15000
77
125
11.2
0.15
31.8
ECEG2CU153D( )
N
C
F
18000
77
145
12.5
0.15
31.8
ECEG2CU183C( )
N
C
F
27000
90
150
17.5
0.15
31.8
ECEG2CU273A( )
N
F
1800
36
83
2.13
0.15
13.0
ECEG2DU182P( )
N
F
2200
36
103
2.50
0.15
13.0
ECEG2DU222N( )
N
F
2700
36
125
3.00
0.15
13.0
ECEG2DU272M( )
N
F
3300
51
83
3.50
0.15
22.0
ECEG2DU332L( )
N
C
F
200
4700
51
103
4.50
0.15
22.0
ECEG2DU472K( )
N
C
F
5600
51
125
5.25
0.15
22.0
ECEG2DU562J( )
N
C
F
6800
51
145
6.25
0.15
22.0
ECEG2DU682H( )
N
C
F
64
103
6.25
0.15
28.6
ECEG2DU682G( )
N
C
F
8200
64
125
7.38
0.15
28.6
ECEG2DU822F( )
N
C
F
D.F.
(120Hz)
(+20
°C)
Mar. 2005


Similar Part No. - ECEG1AU154L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG2CG103E PANASONIC-ECEG2CG103E Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG123D PANASONIC-ECEG2CG123D Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG153C PANASONIC-ECEG2CG153C Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
ECEG2CG222N PANASONIC-ECEG2CG222N Datasheet
58Kb / 3P
   Screw Terminal Type
More results

Similar Description - ECEG1AU154L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com