Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTEZN20P3PINT Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # TTEZN20P3PINT
Description  EZ NORM JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

TTEZN20P3PINT Datasheet(HTML) 1 Page - Switchcraft, Inc.

  TTEZN20P3PINT Datasheet HTML 1Page - Switchcraft, Inc. TTEZN20P3PINT Datasheet HTML 2Page - Switchcraft, Inc. TTEZN20P3PINT Datasheet HTML 3Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EZ Norm Series
www .switchcraft.com
5555 North Elston Avenue / Chicago, IL. 60630
Phone: 773-792-2700
Fax: 773-792-2129
NPB 555
2
MATERIALS:
Housing & Cover: 94V-0 rated thermoplastic
Sleeve Collar: Nickel plated copper alloy
Tip, Ring, Shunt, & Sleeve Springs: Nickel Silver
with welded contacts
Welded Contacts: Gold
Cam Switching Springs: Silver plated copper alloy
Cam Switching Contacts: Silver plated copper alloy
MECHANICAL:
Jack Mechanical Life: 30,000 cycles
Cam Contact Mechanical Life: 30,000 cycles
Insertion – Withdrawal Forces: 1 – 4 lbs.
Moisture resistance: MIL-STD 202 Method 106
Thermal shock: MIL-STD 202 Method 107
Salt spray: MIL-STD 202 Method 101 (48 hrs.)
Vibration: MIL-STD 202 Method 213
ELECTRICAL:
Jack Spring Contact Resistance: 30 milliohm Maximum
Cam Switch Contact Resistance: 30 milliohm Maximum
Insulation Resistance: 10,000 Megaohms
Dielectric Withstanding Voltage: 500 VAC (rms) at 60 Hz
Insertion Loss: -0.5dB up to 10 MHz
The EZ Norm offers a simplified method for setting up and changing normals to a Bantam /
TT patchbay. Simply remove the middle designation strip, and rotate the center cam, using a
standard screwdriver. An audible “click” can be heard as you rotate from full normals to no
normals to half normals. An opaque marking strip is included to conceal the normal positions,
if needed.
EZ NORM JACK SPECIFICATIONS
TT
EZN
_
10
_
_
E90
_
H
15
P
D
E56
E38
T
20
IDC
B
3PIN
WW
SL
CDL
FA
WIRE WRAP AND SOLDER LUG NOT AVAILABLE AS PREWIRES.
EVERYTHING EXCEPT SOLDER LUG AND WIRE WRAP AVAILABLE AS PREWIRE ONLY.
IDC NOT AVAILABLE IN 1 RACK UNIT HEIGHT.
FRONT ACCESS ONLY AVAILABLE AS 1 RACK UNIT WITH IDC SUPPORTS.
FRONT ACCESS HAS TRAY AND BAR COMBO SO NO SUPPORT DESIGNATION IS USED.
CABLE TRAY AND CABLE BAR DESIGNATIONS USED FOR UNWIRED UNITS ONLY.
UMBILICAL UNIT STANDARD WITH 4' HARNESS AND 2RU FRONT AND BACK PLANE.


Similar Part No. - TTEZN20P3PINT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTEZN20PE90BG ETC1-TTEZN20PE90BG Datasheet
6Mb / 101P
   Pro Audio & Broadcast Catalog
TTEZN20PIDCBG ETC1-TTEZN20PIDCBG Datasheet
6Mb / 101P
   Pro Audio & Broadcast Catalog
TTEZN20PIDCR ETC1-TTEZN20PIDCR Datasheet
6Mb / 101P
   Pro Audio & Broadcast Catalog
More results

Similar Description - TTEZN20P3PINT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX100653 ETC2-AX100653 Datasheet
110Kb / 3P
   CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue
logo
Crydom Inc.,
EZ240A18S CRYDOM-EZ240A18S Datasheet
587Kb / 5P
   EZ Series
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Mallory performance clu...
6200M MALLORY-6200M Datasheet
64Kb / 1P
   EZ TRIGGER
logo
Banner Engineering Corp...
EZLSA-K30LGR BANNER-EZLSA-K30LGR Datasheet
205Kb / 2P
   EZ-LIGHT짰 for EZ-SCREEN LS짰
logo
Harwin Plc
S01-30200500 HARWIN-S01-30200500 Datasheet
61Kb / 1P
   EZ SHIELD CAN
logo
Infineon Technologies A...
CYBT-243053-02 INFINEON-CYBT-243053-02 Datasheet
687Kb / 46P
   EZ-BT Module
Rev. A February 24, 2022
CYBT-213043-02 INFINEON-CYBT-213043-02 Datasheet
1Mb / 46P
   EZ-BT Module
Revised February 24, 2022
logo
Cypress Semiconductor
CYBLE-014008-00 CYPRESS-CYBLE-014008-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
CYBLE-022001-00 CYPRESS-CYBLE-022001-00 Datasheet
1Mb / 38P
   EZ-BLETM PRoCTM Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com