Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC-100S480 Datasheet(PDF) 8 Page - Intronics Power, Inc.

Part # AC-100S480
Description  ISOLATED AC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

AC-100S480 Datasheet(HTML) 8 Page - Intronics Power, Inc.

Back Button AC-100S480 Datasheet HTML 4Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 5Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 6Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 7Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 8Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 9Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 10Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 11Page - Intronics Power, Inc. AC-100S480 Datasheet HTML 12Page - Intronics Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AC100 SERIES
Rev C December 2007
Figure 6g.Typical Power De-rating for AC100S180
Figure 6h.Typical Power De-rating for AC100S240
Figure 6i.Typical Power De-rating for AC100S480
0%
25%
50%
75%
100%
0
10
2030
4050
6070
Ambient temperature(
oC)
0%
25%
50%
75%
100%
0
10
2030
4050
607
Ambient temperature(
oC)
0
g
0%
25%
50%
75%
100%
0
10
2030
4050
607
Ambient temperature(
oC)
0
Page 8


Similar Part No. - AC-100S480

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
AC-1302A ACIPOWER-AC-1302A Datasheet
89Kb / 2P
   CCFL INVERTER(For Single Tube Applications)
logo
3M Electronics
AC-132 3M-AC-132 Datasheet
73Kb / 2P
   3M??Adhesion Promoter AC-132
AC-137 3M-AC-137 Datasheet
69Kb / 2P
   3M??Adhesion Promoter AC-137 Clear
logo
Applied Concepts Inc.
AC-1386C ACIPOWER-AC-1386C Datasheet
1Mb / 2P
   CCFL INVERTER
AC-1386D ACIPOWER-AC-1386D Datasheet
1Mb / 2P
   CCFL INVERTER
More results

Similar Description - AC-100S480

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5716 ROHM-BP5716_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5729 ROHM-BP5729_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5725 ROHM-BP5725 Datasheet
444Kb / 3P
   Isolated AC/DC Converter
BP5710-1 ROHM-BP5710-1_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
logo
Bel Fuse Inc.
0RHB-40TRGL BEL-0RHB-40TRGL Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
logo
Rohm
BP5723-33 ROHM-BP5723-33_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
BP5728 ROHM-BP5728 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
logo
Bel Fuse Inc.
0RHB-40TRXX BEL-0RHB-40TRXX Datasheet
215Kb / 7P
   ISOLATED DC/AC CONVERTER
logo
Rohm
BP5718A12 ROHM-BP5718A12_10 Datasheet
1Mb / 4P
   Isolated AC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com