Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETED2Q122LJ Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EETED2Q122LJ
Description  Snap-in Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2Q122LJ Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EETED2Q122LJ Datasheet HTML 1Page - Panasonic Semiconductor EETED2Q122LJ Datasheet HTML 2Page - Panasonic Semiconductor EETED2Q122LJ Datasheet HTML 3Page - Panasonic Semiconductor EETED2Q122LJ Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ ED
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(50 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
420
68
22
25
EETED2S680HJ
1.08
0.15
200
82
22
30
EETED2S820HJ
1.14
0.15
200
25
25
EETED2S820JJ
1.14
0.15
200
100
22
30
EETED2S101HJ
1.30
0.15
200
25
25
EETED2S101JJ
1.30
0.15
200
120
22
35
EETED2S121HJ
1.46
0.15
200
25
30
EETED2S121JJ
1.46
0.15
200
150
22
40
EETED2S151HJ
1.53
0.15
200
25
35
EETED2S151JJ
1.53
0.15
200
30
25
EETED2S151KJ
1.53
0.15
200
180
22
45
EETED2S181HJ
1.60
0.15
200
25
40
EETED2S181JJ
1.60
0.15
200
30
30
EETED2S181KJ
1.60
0.15
200
35
25
EETED2S181LJ
1.60
0.15
200
220
25
45
EETED2S221JJ
2.03
0.15
200
30
35
EETED2S221KJ
2.03
0.15
100
35
30
EETED2S221LJ
2.03
0.15
200
270
25
50
EETED2S271JJ
2.40
0.15
200
30
40
EETED2S271KJ
2.40
0.15
100
35
30
EETED2S271LJ
2.40
0.15
200
330
30
45
EETED2S331KJ
2.54
0.15
100
35
35
EETED2S331LJ
2.54
0.15
100
390
30
50
EETED2S391KJ
2.73
0.15
100
35
40
EETED2S391LJ
2.73
0.15
100
470
35
45
EETED2S471LJ
3.18
0.15
100
450
56
22
25
EETED2W560HJ
0.95
0.15
200
68
22
30
EETED2W680HJ
1.08
0.15
200
25
25
EETED2W680JJ
1.08
0.15
200
82
22
30
EETED2W820HJ
1.14
0.15
200
25
25
EETED2W820JJ
1.14
0.15
200
100
22
35
EETED2W101HJ
1.30
0.15
200
25
30
EETED2W101JJ
1.30
0.15
200
120
22
40
EETED2W121HJ
1.46
0.15
200
25
35
EETED2W121JJ
1.46
0.15
200
30
25
EETED2W121KJ
1.46
0.15
200
150
22
45
EETED2W151HJ
1.53
0.15
200
25
40
EETED2W151JJ
1.53
0.15
200
30
30
EETED2W151KJ
1.53
0.15
200
35
25
EETED2W151LJ
1.53
0.15
200
180
22
50
EETED2W181HJ
1.60
0.15
200
25
40
EETED2W181JJ
1.60
0.15
200
30
30
EETED2W181KJ
1.60
0.15
200
35
25
EETED2W181LJ
1.60
0.15
200
220
25
45
EETED2W221JJ
2.03
0.15
200
30
35
EETED2W221KJ
2.03
0.15
100
35
30
EETED2W221LJ
2.03
0.15
200
270
30
40
EETED2W271KJ
2.45
0.15
100
35
35
EETED2W271LJ
2.45
0.15
100
330
30
50
EETED2W331KJ
2.64
0.15
100
35
40
EETED2W331LJ
2.64
0.15
100
390
35
40
EETED2W391LJ
2.82
0.15
100
470
35
50
EETED2W471LJ
3.53
0.15
100
Endurance : 105 °C 3000 h
Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETED2Q122LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2Q122LJ PANASONIC-EETED2Q122LJ Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EETED2Q122LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com