Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1H103KJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EETHC1H103KJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1H103KJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EETHC1H103KJ Datasheet HTML 1Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 2Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 3Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1H103KJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
80
1200
22
25
EETHC1K122HJ
1.50
0.25
200
1500
22
30
EETHC1K152HJ
1.70
0.25
200
25
25
EETHC1K152JJ
1.70
0.25
200
1800
22
35
EETHC1K182HJ
1.80
0.25
200
2200
22
40
EETHC1K222HJ
2.10
0.25
200
25
30
EETHC1K222JJ
2.10
0.25
200
2700
22
45
EETHC1K272HJ
2.40
0.25
200
25
35
EETHC1K272JJ
2.40
0.25
200
30
25
EETHC1K272KJ
2.40
0.25
200
3300
22
50
EETHC1K332HJ
2.60
0.25
200
25
40
EETHC1K332JJ
2.60
0.25
200
30
30
EETHC1K332KJ
2.60
0.25
200
35
25
EETHC1K332LJ
2.60
0.25
200
3900
25
45
EETHC1K392JJ
3.00
0.25
200
30
35
EETHC1K392KJ
3.00
0.25
100
4700
25
50
EETHC1K472JJ
3.30
0.25
200
30
40
EETHC1K472KJ
3.30
0.25
100
35
30
EETHC1K472LJ
3.30
0.25
200
5600
30
45
EETHC1K562KJ
3.70
0.25
100
35
35
EETHC1K562LJ
3.70
0.25
100
6800
30
50
EETHC1K682KJ
3.90
0.25
100
35
40
EETHC1K682LJ
3.90
0.25
100
8200
35
45
EETHC1K822LJ
4.30
0.25
100
100
820
22
25
EETHC2A821HJ
1.40
0.25
200
1000
22
30
EETHC2A102HJ
1.70
0.25
200
1200
22
30
EETHC2A122HJ
1.80
0.25
200
25
25
EETHC2A122JJ
1.80
0.25
200
1500
22
35
EETHC2A152HJ
2.10
0.25
200
25
30
EETHC2A152JJ
2.10
0.25
200
1800
22
40
EETHC2A182HJ
2.30
0.25
200
25
35
EETHC2A182JJ
2.30
0.25
200
30
25
EETHC2A182KJ
2.30
0.25
200
2200
22
45
EETHC2A222HJ
2.60
0.25
200
25
40
EETHC2A222JJ
2.60
0.25
200
30
30
EETHC2A222KJ
2.60
0.25
200
35
25
EETHC2A222LJ
2.60
0.25
200
2700
25
45
EETHC2A272JJ
2.90
0.25
200
30
35
EETHC2A272KJ
2.90
0.25
100
3300
25
50
EETHC2A332JJ
3.20
0.25
200
30
40
EETHC2A332KJ
3.20
0.25
100
35
30
EETHC2A332LJ
3.20
0.25
200
3900
30
45
EETHC2A392KJ
3.60
0.25
100
35
35
EETHC2A392LJ
3.60
0.25
100
4700
30
50
EETHC2A472KJ
3.80
0.25
100
35
40
EETHC2A472LJ
3.80
0.25
100
5600
35
45
EETHC2A562LJ
4.10
0.25
100
6800
35
50
EETHC2A682LJ
4.50
0.25
100
Endurance : 105 °C 2000 h, Terminal Pitch : 10 mm
✽When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETHC1H103KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1H103KJ PANASONIC-EETHC1H103KJ Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1H103KJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com