Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETLD2G151EJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETLD2G151EJ
Description  Snap-in Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETLD2G151EJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETLD2G151EJ Datasheet HTML 1Page - Panasonic Semiconductor EETLD2G151EJ Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ MD
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
200
220
22
25
EETLD2D221BJ
1.00
0.15
200
270
22
30
EETLD2D271BJ
1.10
0.15
200
330
22
30
EETLD2D331BJ
1.20
0.15
200
25
25
EETLD2D331CJ
1.20
0.15
200
390
22
35
EETLD2D391BJ
1.35
0.15
200
25
30
EETLD2D391CJ
1.35
0.15
200
30
25
EETLD2D391DJ
1.35
0.15
200
470
22
40
EETLD2D471BJ
1.45
0.15
200
25
30
EETLD2D471CJ
1.45
0.15
200
30
25
EETLD2D471DJ
1.45
0.15
200
560
22
45
EETLD2D561BJ
1.60
0.15
200
25
35
EETLD2D561CJ
1.60
0.15
200
30
30
EETLD2D561DJ
1.60
0.15
200
35
25
EETLD2D561EJ
1.60
0.15
200
680
25
40
EETLD2D681CJ
1.75
0.15
200
30
30
EETLD2D681DJ
1.75
0.15
200
35
25
EETLD2D681EJ
1.75
0.15
200
820
25
45
EETLD2D821CJ
2.11
0.15
200
30
35
EETLD2D821DJ
2.11
0.15
100
35
30
EETLD2D821EJ
2.11
0.15
200
1000
30
45
EETLD2D102DJ
2.40
0.15
100
35
30
EETLD2D102EJ
2.40
0.15
200
1200
30
45
EETLD2D122DJ
2.65
0.15
100
35
35
EETLD2D122EJ
2.65
0.15
100
1500
35
45
EETLD2D152EJ
3.08
0.15
100
400
56
22
25
EETLD2G560BJ
0.45
0.15
200
68
22
30
EETLD2G680BJ
0.51
0.15
200
82
22
30
EETLD2G820BJ
0.58
0.15
200
25
25
EETLD2G820CJ
0.58
0.15
200
100
22
35
EETLD2G101BJ
0.66
0.15
200
25
30
EETLD2G101CJ
0.66
0.15
200
30
25
EETLD2G101DJ
0.66
0.15
200
120
22
40
EETLD2G121BJ
0.78
0.15
200
25
30
EETLD2G121CJ
0.78
0.15
200
30
25
EETLD2G121DJ
0.78
0.15
200
150
22
45
EETLD2G151BJ
0.85
0.15
200
25
35
EETLD2G151CJ
0.85
0.15
200
30
30
EETLD2G151DJ
0.85
0.15
200
35
25
EETLD2G151EJ
0.85
0.15
200
180
25
40
EETLD2G181CJ
0.95
0.15
200
30
30
EETLD2G181DJ
0.95
0.15
200
35
25
EETLD2G181EJ
0.95
0.15
200
220
25
45
EETLD2G221CJ
1.24
0.15
200
30
35
EETLD2G221DJ
1.24
0.15
100
35
30
EETLD2G221EJ
1.24
0.15
200
270
30
40
EETLD2G271DJ
1.30
0.15
100
35
30
EETLD2G271EJ
1.30
0.15
200
330
30
45
EETLD2G331DJ
1.47
0.15
100
35
35
EETLD2G331EJ
1.47
0.15
100
390
35
40
EETLD2G391EJ
1.59
0.15
100
470
35
45
EETLD2G471EJ
1.87
0.15
100
Endurance : 105 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35×45L and φ35×50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETLD2G151EJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-ED2D102EA PANASONIC-EET-ED2D102EA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2G561EA PANASONIC-EET-ED2G561EA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2W101CA PANASONIC-EET-ED2W101CA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2W181DA PANASONIC-EET-ED2W181DA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EET-ED2W471EA PANASONIC-EET-ED2W471EA Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EETLD2G151EJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com