Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC1KP182BJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECEC1KP182BJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC1KP182BJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECEC1KP182BJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC1KP182BJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE178 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
160
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
2700
30
30
2.78
0.20
ECEC1KP272DJ
200
3300
22
50
3.21
0.20
ECEC1KP332BJ
200
25
40
3.21
0.20
ECEC1KP332CJ
200
30
30
3.21
0.20
ECEC1KP332DJ
200
3900
25
45
3.59
0.20
ECEC1KP392CJ
200
30
35
3.59
0.20
ECEC1KP392DJ
100
80
4700
25
50
4.09
0.20
ECEC1KP472CJ
200
30
40
4.09
0.20
ECEC1KP472DJ
100
5600
30
45
4.55
0.20
ECEC1KP562DJ
100
35
35
4.55
0.20
ECEC1KP562EJ
100
6800
30
50
5.16
0.20
ECEC1KP682DJ
100
35
40
5.16
0.20
ECEC1KP682EJ
100
8200
35
50
5.83
0.20
ECEC1KP822EJ
100
1000
22
30
1.96
0.20
ECEC2AP102BJ
200
25
25
1.96
0.20
ECEC2AP102CJ
200
1200
22
35
2.31
0.20
ECEC2AP122BJ
200
25
30
2.31
0.20
ECEC2AP122CJ
200
1500
22
40
2.57
0.20
ECEC2AP152BJ
200
25
30
2.57
0.20
ECEC2AP152CJ
200
30
25
2.57
0.20
ECEC2AP152DJ
200
1800
22
45
2.84
0.20
ECEC2AP182BJ
200
25
35
2.84
0.20
ECEC2AP182CJ
200
30
30
2.84
0.20
ECEC2AP182DJ
200
2200
22
50
3.14
0.20
ECEC2AP222BJ
200
100
25
40
3.14
0.20
ECEC2AP222CJ
200
30
30
3.14
0.20
ECEC2AP222DJ
200
2700
25
45
3.71
0.20
ECEC2AP272CJ
200
30
35
3.71
0.20
ECEC2AP272DJ
100
3300
25
50
4.06
0.20
ECEC2AP332CJ
200
30
40
4.06
0.20
ECEC2AP332DJ
100
3900
30
45
4.54
0.20
ECEC2AP392DJ
100
35
35
4.54
0.20
ECEC2AP392EJ
100
4700
30
50
5.13
0.20
ECEC2AP472DJ
100
35
40
5.13
0.20
ECEC2AP472EJ
100
5600
35
45
5.75
0.20
ECEC2AP562EJ
100
6800
35
50
6.60
0.20
ECEC2AP682EJ
100
330
22
25
1.45
0.15
ECEC2CP331BJ
200
390
22
30
1.62
0.15
ECEC2CP391BJ
200
25
25
1.62
0.15
ECEC2CP391CJ
200
470
22
30
2.11
0.15
ECEC2CP471BJ
200
25
25
2.11
0.15
ECEC2CP471CJ
200
560
22
35
2.25
0.15
ECEC2CP561BJ
200
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - ECEC1KP182BJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1KA102BJ PANASONIC-ECEC1KA102BJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA102CJ PANASONIC-ECEC1KA102CJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA122BJ PANASONIC-ECEC1KA122BJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA122CJ PANASONIC-ECEC1KA122CJ Datasheet
102Kb / 7P
   Snap-in Type
ECEC1KA152BJ PANASONIC-ECEC1KA152BJ Datasheet
102Kb / 7P
   Snap-in Type
More results

Similar Description - ECEC1KP182BJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com