Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETUQ1K182HJ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETUQ1K182HJ
Description  Snap-in Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1K182HJ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETUQ1K182HJ Datasheet HTML 1Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 6Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 7Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 8Page - Panasonic Semiconductor EETUQ1K182HJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ UQ
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
35
5600
22
25
EETUQ1V562HJ
3.4
0.35
200
6800
22
30
EETUQ1V682HJ
3.7
0.35
200
8200
22
30
EETUQ1V822HJ
4.0
0.35
200
25
25
EETUQ1V822JJ
4.0
0.35
200
10000
22
35
EETUQ1V103HJ
4.4
0.35
200
25
30
EETUQ1V103JJ
4.4
0.35
200
12000
22
40
EETUQ1V123HJ
5.1
0.35
200
25
35
EETUQ1V123JJ
5.1
0.35
200
30
25
EETUQ1V123KJ
5.1
0.35
200
15000
22
45
EETUQ1V153HJ
5.6
0.35
200
25
40
EETUQ1V153JJ
5.6
0.35
200
18000
25
45
EETUQ1V183JJ
5.7
0.35
200
30
30
EETUQ1V183KJ
5.7
0.35
200
35
25
EETUQ1V183LJ
5.7
0.35
200
22000
25
50
EETUQ1V223JJ
6.1
0.35
200
30
35
EETUQ1V223KJ
6.1
0.35
100
35
30
EETUQ1V223LJ
6.1
0.35
200
27000
30
45
EETUQ1V273KJ
6.8
0.35
100
35
35
EETUQ1V273LJ
6.8
0.35
100
33000
30
50
EETUQ1V333KJ
7.2
0.35
100
35
40
EETUQ1V333LJ
7.2
0.35
100
39000
35
45
EETUQ1V393LJ
7.7
0.41
100
47000
35
50
EETUQ1V473LJ
8.5
0.49
100
50
3300
22
25
EETUQ1H332HJ
2.7
0.30
200
3900
22
30
EETUQ1H392HJ
2.8
0.30
200
4700
22
30
EETUQ1H472HJ
3.0
0.30
200
25
25
EETUQ1H472JJ
3.0
0.30
200
5600
22
35
EETUQ1H562HJ
3.4
0.30
200
6800
22
40
EETUQ1H682HJ
3.9
0.30
200
25
30
EETUQ1H682JJ
3.9
0.30
200
30
25
EETUQ1H682KJ
3.9
0.30
200
8200
22
45
EETUQ1H822HJ
4.4
0.30
200
25
35
EETUQ1H822JJ
4.4
0.30
200
10000
22
50
EETUQ1H103HJ
5.0
0.30
200
25
40
EETUQ1H103JJ
5.0
0.30
200
30
30
EETUQ1H103KJ
5.0
0.30
200
35
25
EETUQ1H103LJ
5.0
0.30
200
12000
25
45
EETUQ1H123JJ
5.6
0.30
200
30
35
EETUQ1H123KJ
5.6
0.30
100
35
30
EETUQ1H123LJ
5.6
0.30
200
15000
30
40
EETUQ1H153KJ
6.4
0.30
100
35
35
EETUQ1H153LJ
6.4
0.30
100
18000
30
45
EETUQ1H183KJ
6.9
0.30
100
35
40
EETUQ1H183LJ
6.9
0.30
100
22000
35
45
EETUQ1H223LJ
7.6
0.30
100
27000
35
50
EETUQ1H273LJ
8.3
0.30
100
Endurance : 85 °C 2000 h, Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETUQ1K182HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ1K182HJ PANASONIC-EETUQ1K182HJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ1K182HJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com