Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETED2E561LJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETED2E561LJ
Description  Snap-in Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2E561LJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETED2E561LJ Datasheet HTML 1Page - Panasonic Semiconductor EETED2E561LJ Datasheet HTML 2Page - Panasonic Semiconductor EETED2E561LJ Datasheet HTML 3Page - Panasonic Semiconductor EETED2E561LJ Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ ED
Standard Products
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(50 kHz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
200
270
22
25
EETED2D271HJ
2.03
0.15
200
330
22
30
EETED2D331HJ
2.23
0.15
200
390
22
30
EETED2D391HJ
2.44
0.15
200
25
25
EETED2D391JJ
2.44
0.15
200
470
22
35
EETED2D471HJ
2.64
0.15
200
25
30
EETED2D471JJ
2.64
0.15
200
560
22
40
EETED2D561HJ
3.05
0.15
200
25
30
EETED2D561JJ
3.05
0.15
200
30
25
EETED2D561KJ
3.05
0.15
200
680
22
45
EETED2D681HJ
3.45
0.15
200
25
35
EETED2D681JJ
3.45
0.15
200
30
30
EETED2D681KJ
3.45
0.15
200
820
22
50
EETED2D821HJ
3.76
0.15
200
25
40
EETED2D821JJ
3.76
0.15
200
30
30
EETED2D821KJ
3.76
0.15
200
35
25
EETED2D821LJ
3.76
0.15
200
1000
25
45
EETED2D102JJ
4.06
0.15
200
30
35
EETED2D102KJ
4.06
0.15
100
35
30
EETED2D102LJ
4.06
0.15
200
1200
30
40
EETED2D122KJ
4.47
0.15
100
35
35
EETED2D122LJ
4.47
0.15
100
1500
30
50
EETED2D152KJ
5.08
0.15
100
35
40
EETED2D152LJ
5.08
0.15
100
1800
35
45
EETED2D182LJ
5.48
0.15
100
2200
35
50
EETED2D222LJ
5.89
0.15
100
220
270
22
30
EETED2Q271HJ
2.03
0.15
200
330
22
30
EETED2Q331HJ
2.23
0.15
200
25
25
EETED2Q331JJ
2.23
0.15
200
390
22
35
EETED2Q391HJ
2.44
0.15
200
25
30
EETED2Q391JJ
2.44
0.15
200
470
22
40
EETED2Q471HJ
2.64
0.15
200
25
30
EETED2Q471JJ
2.64
0.15
200
30
25
EETED2Q471KJ
2.64
0.15
200
560
22
45
EETED2Q561HJ
3.05
0.15
200
25
35
EETED2Q561JJ
3.05
0.15
200
30
30
EETED2Q561KJ
3.05
0.15
200
680
25
40
EETED2Q681JJ
3.45
0.15
200
30
30
EETED2Q681KJ
3.45
0.15
200
35
25
EETED2Q681LJ
3.45
0.15
200
820
25
45
EETED2Q821JJ
3.76
0.15
200
30
35
EETED2Q821KJ
3.76
0.15
100
35
30
EETED2Q821LJ
3.76
0.15
200
1000
30
40
EETED2Q102KJ
4.06
0.15
100
35
35
EETED2Q102LJ
4.06
0.15
100
1200
30
45
EETED2Q122KJ
4.47
0.15
100
35
40
EETED2Q122LJ
4.47
0.15
100
1500
35
45
EETED2Q152LJ
5.08
0.15
100
1800
35
50
EETED2Q182LJ
5.48
0.15
100
Endurance : 105 °C 3000 h
Terminal Pitch : 10 mm
✽ When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
Jul. 2008


Similar Part No. - EETED2E561LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2E561LJ PANASONIC-EETED2E561LJ Datasheet
70Kb / 5P
   Aluminum Electrolytic Capacitors/ ED
More results

Similar Description - EETED2E561LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com