Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC122 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC122
Description  Low Voltage Synchronous Boost Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC122 Datasheet(HTML) 4 Page - Semtech Corporation

  SC122 Datasheet HTML 1Page - Semtech Corporation SC122 Datasheet HTML 2Page - Semtech Corporation SC122 Datasheet HTML 3Page - Semtech Corporation SC122 Datasheet HTML 4Page - Semtech Corporation SC122 Datasheet HTML 5Page - Semtech Corporation SC122 Datasheet HTML 6Page - Semtech Corporation SC122 Datasheet HTML 7Page - Semtech Corporation SC122 Datasheet HTML 8Page - Semtech Corporation SC122 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC122
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
N-Channel Current Limit
I
LIM(N)
V
IN
= 1.2V
350
mA
LX Leakage Current PMOS
I
LXPLK
T
A
= 25°C, V
LX
= 0V, V
OUT
= 3.3V
1
μA
LX Leakage Current NMOS
I
LXNLK
T
A
= 25°C, V
LX
= 3.3V, V
OUT
= 3.3V
1
μA
Logic Input High
V
IH
V
IN
= 1.2V
0.4
V
Logic Input Low
V
IL
V
IN
= 1.2V
0.1
V
Logic Input Current High
I
IH
V
EN
= V
IN
= 1.2V
1
μA
Logic Input Current Low
I
IL
V
EN
= 0V
-0.2
μA
Electrical Characteristics (continued)
NOTES:
(1)
Quiescent operating current is drawn from the OUT pin while in regulation. The quiescent operating current projected to the IN pin is
approximately I
Q
× (V
OUT
/V
IN
).
(2)
Restart occurs when the EN pin transitions from low to high while the output voltage is at or near the regulation value (3.3V). See the
application section “The Enable Pin” for details.


Similar Part No. - SC122

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-400-100 TRSYS-SC12-400-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-600-100 TRSYS-SC12-600-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-700-100 TRSYS-SC12-700-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
SC12-800-100 TRSYS-SC12-800-100 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - SC122

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
UCC19411 TI-UCC19411 Datasheet
143Kb / 8P
[Old version datasheet]   Low Power Synchronous Boost Converter
UCC39411 TI-UCC39411_15 Datasheet
645Kb / 20P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
UCC29411 TI1-UCC29411 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER SYNCHRONOUS BOOST CONVERTER
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
LM3561 TI1-LM3561_13 Datasheet
3Mb / 37P
[Old version datasheet]   Synchronous Boost Converter
LM3554 TI1-LM3554_16 Datasheet
4Mb / 47P
[Old version datasheet]   Synchronous Boost Converter
LM3555 TI1-LM3555 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost Converter
logo
Analog Microelectronics
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com