Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41252B4279M000 Datasheet(PDF) 10 Page - EPCOS

Part # B41252B4279M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252B4279M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B41252B4279M000 Datasheet HTML 6Page - EPCOS B41252B4279M000 Datasheet HTML 7Page - EPCOS B41252B4279M000 Datasheet HTML 8Page - EPCOS B41252B4279M000 Datasheet HTML 9Page - EPCOS B41252B4279M000 Datasheet HTML 10Page - EPCOS B41252B4279M000 Datasheet HTML 11Page - EPCOS B41252B4279M000 Datasheet HTML 12Page - EPCOS B41252B4279M000 Datasheet HTML 13Page - EPCOS B41252B4279M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δ
max
120 Hz
20
°C
IAC,max
120 Hz
60
°C
A
IAC,max
120 Hz
85
°C
A
IAC,R
120 Hz
105
°C
A
Ordering code
VR = 63 V DC
1200
22
× 25
0.15
3.15
2.40
1.37
B41252A8128M000
1500
22
× 30
0.15
3.45
2.63
1.50
B41252A8158M000
1500
25.4
× 25
0.15
3.54
2.70
1.54
B41252B8158M000
1800
22
× 30
0.15
3.77
2.87
1.64
B41252A8188M000
1800
25.4
× 25
0.15
3.89
2.96
1.69
B41252B8188M000
2200
22
× 35
0.15
4.28
3.26
1.86
B41252A8228M000
2200
25.4
× 30
0.15
4.42
3.36
1.92
B41252B8228M000
2700
22
× 40
0.15
4.99
3.80
2.17
B41252A8278M000
2700
25.4
× 30
0.15
4.90
3.73
2.13
B41252B8278M000
2700
30
× 25
0.15
5.01
3.82
2.18
B41252C8278M000
3300
22
× 50
0.15
5.82
4.43
2.53
B41252A8338M000
3300
25.4
× 40
0.15
5.82
4.43
2.53
B41252B8338M000
3300
30
× 30
0.15
5.70
4.34
2.48
B41252C8338M000
3900
25.4
× 45
0.15
6.62
5.04
2.88
B41252A8398M000
3900
30
× 35
0.15
6.53
4.97
2.84
B41252B8398M000
4700
25.4
× 50
0.15
7.36
5.60
3.20
B41252A8478M000
4700
30
× 40
0.15
7.29
5.55
3.17
B41252B8478M000
4700
35
× 30
0.15
7.13
5.43
3.10
B41252C8478M000
5600
30
× 45
0.15
8.07
6.14
3.51
B41252A8568M000
5600
35
× 35
0.15
7.96
6.06
3.46
B41252B8568M000
6800
30
× 50
0.15
9.02
6.86
3.92
B41252A8688M000
6800
35
× 40
0.15
8.92
6.79
3.88
B41252B8688M000
8200
35
× 45
0.15
9.71
7.39
4.22
B41252A8828M000
10000
35
× 50
0.15
10.90
8.30
4.74
B41252A8109M000
VR = 80 V DC
820
22
× 25
0.15
3.15
2.40
1.37
B41252A0827M000
1000
22
× 30
0.15
3.73
2.84
1.62
B41252A0108M000
1000
25.4
× 25
0.15
3.84
2.92
1.67
B41252B0108M000
1200
22
× 30
0.15
3.84
2.92
1.67
B41252A0128M000
1200
25.4
× 25
0.15
3.96
3.01
1.72
B41252B0128M000
1500
22
× 35
0.15
4.55
3.47
1.98
B41252A0158M000
1500
25.4
× 30
0.15
4.72
3.59
2.05
B41252B0158M000
1800
22
× 40
0.15
5.24
3.99
2.28
B41252A0188M000
1800
25.4
× 35
0.15
5.45
4.15
2.37
B41252B0188M000
1800
30
× 25
0.15
5.29
4.03
2.30
B41252C0188M000
2200
22
× 45
0.15
5.77
4.39
2.51
B41252A0228M000
2200
25.4
× 35
0.15
5.73
4.36
2.49
B41252B0228M000
2200
30
× 30
0.15
5.89
4.48
2.56
B41252C0228M000
B41252
Standard series
105
°C
Page 10 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41252B4279M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41252B4279M000 EPCOS-B41252B4279M000 Datasheet
998Kb / 24P
   Aluminum electrolytic capacitors
More results

Similar Description - B41252B4279M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com