Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHC1J682LJ Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EETHC1J682LJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1J682LJ Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button EETHC1J682LJ Datasheet HTML 2Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 3Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 4Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 5Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 6Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 7Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 8Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 9Page - Panasonic Semiconductor EETHC1J682LJ Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HC
Standard Products
Endurance : 105 °C 2000 h, Terminal Pitch : 10 mm
✽When capacitors of φ35 45L and φ35 50L are mounted on PWB, reinforce them with mounting clamp or adhesives.
(Avoid using adhesives including halogenated compositions.)
W.V.
Cap.
(120 Hz)
(±20 %)
Case size
Part No.
Specification
Min. Packaging Q'ty
Dia.
Length
PET sleeve
Terminal Length
4.0 mm
(Without Top Plate)
Ripple
Current
(120 Hz)
(+105 °C)
tan
δ
(120 Hz)
(+20 °C)
max.
(V. DC)
(µF)
(mm)
(mm)
(A r.m.s.)
(pcs)
160
470
22
25
EETHC2C471HJ
1.40
0.15
200
560
22
30
EETHC2C561HJ
1.50
0.15
200
680
22
30
EETHC2C681HJ
1.70
0.15
200
25
25
EETHC2C681JJ
1.70
0.15
200
820
22
35
EETHC2C821HJ
2.00
0.15
200
25
30
EETHC2C821JJ
2.00
0.15
200
1000
22
40
EETHC2C102HJ
2.20
0.15
200
25
35
EETHC2C102JJ
2.20
0.15
200
30
25
EETHC2C102KJ
2.20
0.15
200
1200
22
45
EETHC2C122HJ
2.30
0.15
200
25
40
EETHC2C122JJ
2.30
0.15
200
30
30
EETHC2C122KJ
2.30
0.15
200
35
25
EETHC2C122LJ
2.30
0.15
200
1500
25
45
EETHC2C152JJ
2.50
0.15
200
30
35
EETHC2C152KJ
2.50
0.15
100
35
30
EETHC2C152LJ
2.50
0.15
200
1800
25
50
EETHC2C182JJ
2.70
0.15
200
30
40
EETHC2C182KJ
2.70
0.15
100
35
30
EETHC2C182LJ
2.70
0.15
200
2200
30
45
EETHC2C222KJ
2.90
0.15
100
35
35
EETHC2C222LJ
2.90
0.15
100
2700
30
50
EETHC2C272KJ
3.10
0.15
100
35
40
EETHC2C272LJ
3.10
0.15
100
3300
35
50
EETHC2C332LJ
3.30
0.15
100
180
470
22
25
EETHC2P471HC
1.45
0.15
200
560
22
30
EETHC2P561HJ
1.50
0.15
200
25
25
EETHC2P561JJ
1.50
0.15
200
680
22
35
EETHC2P681HJ
1.70
0.15
200
25
30
EETHC2P681JJ
1.70
0.15
200
820
22
40
EETHC2P821HJ
2.00
0.15
200
25
30
EETHC2P821JJ
2.00
0.15
200
30
25
EETHC2P821KJ
2.00
0.15
200
1000
22
45
EETHC2P102HJ
2.20
0.15
200
25
40
EETHC2P102JJ
2.20
0.15
200
30
30
EETHC2P102KJ
2.20
0.15
200
35
25
EETHC2P102LJ
2.20
0.15
200
1200
25
45
EETHC2P122JJ
2.30
0.15
200
30
30
EETHC2P122KC
2.30
0.15
200
30
35
EETHC2P122KJ
2.30
0.15
100
1500
25
50
EETHC2P152JJ
2.50
0.15
200
30
40
EETHC2P152KJ
2.50
0.15
100
35
30
EETHC2P152LJ
2.50
0.15
200
1800
30
45
EETHC2P182KJ
2.70
0.15
100
35
35
EETHC2P182LJ
2.70
0.15
100
2200
30
50
EETHC2P222KJ
2.90
0.15
100
35
40
EETHC2P222LJ
2.90
0.15
100
2700
35
50
EETHC2P272LJ
3.10
0.15
100
Jul. 2008


Similar Part No. - EETHC1J682LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1J682LJ PANASONIC-EETHC1J682LJ Datasheet
656Kb / 13P
   Aluminum Electrolytic Capacitors/ HC
More results

Similar Description - EETHC1J682LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com