Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC185HEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC185HEVB
Description  4A Synchronous Step-Down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC185HEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC185HEVB Datasheet HTML 1Page - Semtech Corporation SC185HEVB Datasheet HTML 2Page - Semtech Corporation SC185HEVB Datasheet HTML 3Page - Semtech Corporation SC185HEVB Datasheet HTML 4Page - Semtech Corporation SC185HEVB Datasheet HTML 5Page - Semtech Corporation SC185HEVB Datasheet HTML 6Page - Semtech Corporation SC185HEVB Datasheet HTML 7Page - Semtech Corporation SC185HEVB Datasheet HTML 8Page - Semtech Corporation SC185HEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SC185
© 2010 Semtech Corp.
Pin Descriptions
Pin #
Pin Name
Pin Function
1,2
PVIN
Input supply voltage for the converter power stage.
3
AGND
Ground connection for the internal circuitry. AGND needs to be connected to PGND directly.
4
AVIN
Power supply for the internal circuitry. AVIN is required to be connected to PVIN through an R-C filter of 1Ω
and 100nF.
5
MODE
MODE select pin. When connected to logic high, the device operates in forced PWM mode. When connected
to logic low, it operates normally with PSAVE mode at light load. The enable pin has a 500kΩ internal pull-
down resistor. This resistor is switched in circuit whenever the MODE pin is “Low” or when the part is in un-
dervoltage lockout.
6
EN
Enable pin. When connected to logic high or tied to AVIN pin, the SC185 is on. When connected to logic low,
the device enters shutdown and consumes less than 1µA current (typ.). The enable pin has a 500kΩ internal
pulldown resistor. This resistor is switched in circuit whenever the EN is“Low”or when the part is in undervolt-
age lockout.
7
PGOOD
Power good indicator. When the output voltage reaches the PGOOD threshold, this pin will be open-drain
(After the PGOOD delay), otherwise, it is pulled low internally.
8
NC
No connection.
9
SS
Soft Start. Connect a soft-start capacitor to program the soft start time. There is a 5µA charging current flow-
ing out of the pin.
10
VOUT
Output voltage sense pin.
11,12,13
PGND
Ground connection for converter power stage.
14,15,16
LX
Switching node - connect an inductor between this pin and the output capacitor.
T
Thermal Pad
Thermal pad for heatsinking purposes. Recommend to connect it to PGND. It is not connected internally.
www.semtech.com
5


Similar Part No. - SC185HEVB

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11EWA KINGBRIGHT-SC18-11EWA Datasheet
221Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
SC18-11GWA KINGBRIGHT-SC18-11GWA Datasheet
219Kb / 5P
   44.5mm (1.75INCH) SINGLE DIGIT NUMERIC DISPLAY
SC18-11SRWA KINGBRIGHT-SC18-11SRWA Datasheet
498Kb / 5P
   45mm (1.8inch) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC185HEVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
   4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
   4A, 6V Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
   Dual Channel 4A Synchronous Step-Down Regulator
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
   4A Step-Down Regulator
June 2015 Rev. 1.2
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com