Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC-502 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # DC-502
Description  1.5 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

DC-502 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  DC-502 Datasheet HTML 1Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC 500 SERIES
1.5 WATT
SINGLE & DUAL OUTPUT
DC-DC CONVERTERS
FEATURES
• DIP and SMD Package Options
• Fully Regulated
• Low Output Ripple and Noise
• High Reliability
• Input/Output Isolation
Output Voltage: 5, 12, 15V
Voltage Accuracy: ± 4%
Line Regulation: ± 0.3%
Load Regulation (Max): ± 0.5%
Temperature Coefficient: + .02%/C
Ripple and Noise: <1% mVp-p
(20 MHz Bandwidth) See Note (1)
Short Circuit Protection: Continuous
Efficiency: 50%
Isolation Voltage: 500 VDC
Operating Temperature: -25ºC to 71ºC
Storage Temperature: -40ºC to 100ºC
Case Type: Non Conductive Plastic
DIP or SMD
Note (1): With a 10uf tantalum capacitor across Output.
1400 Providence Highway Building 2 Suite 2400, Norwood, MA 02062 - Tel: 781-551-5500 - Fax: 781-551-5555
Input Voltage: 5, 12, 24, 48V
Input Filter: Capacitor
Continuous short circuit protection
MODEL NUMBER
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT
DC-501
5V
5V
300mA
DC-502
5V
12V
125mA
DC-503
5V
15V
100mA
DC-511
12V
5V
300mA
DC-512
12V
12V
125mA
DC-513
12V
15V
100mA
DC-521
24V
5V
300mA
DC-522
24V
12V
125mA
DC-523
24V
15V
100mA
DC-531
48V
5V
300mA
DC-532
48V
12V
125mA
DC-533
48V
15V
100mA
DC-507
See DC-607
DC-508
5V
± 12V
± 125mA
DC-509
5V
± 15V
± 100mA
DC-518
12V
± 12V
± 125mA
DC-519
12V
± 15V
± 100mA
DC-528
24V
± 12V
± 125mA
DC-529
24V
± 15V
± 100mA
DC-538
48V
± 12V
± 125mA
DC-539
48V
± 15V
± 100mA
INPUT SPECIFICATIONS
OUTPUT SPECIFICATIONS
GENERAL SPECIFICATIONS


Similar Part No. - DC-502

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DC-59-20 ITT-DC-59-20 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DC-502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP201 ETC1-TP201 Datasheet
62Kb / 2P
   1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
Intronics Power, Inc.
DC-1700 INTRONICS-DC-1700 Datasheet
192Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC1500 INTRONICS-DC1500 Datasheet
165Kb / 1P
   15 Watt Single & Dual Output DC-DC Converters
DC600 INTRONICS-DC600 Datasheet
134Kb / 1P
   3.0 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
logo
RSG Electronic Componen...
EC2A01 RSG-EC2A01 Datasheet
910Kb / 1P
   1.5 WATT DC-DC CONVERTERS
logo
Artesyn Technologies
EM600 ARTESYN-EM600 Datasheet
39Kb / 2P
   Single and dual output 1 to 1.5 Watt Nominal input DC/DC converters
logo
Powerbox
DX100 POWERBOX-DX100 Datasheet
307Kb / 1P
   1.5 WATT SINGLE OUTPUT DC / DC INDUSTRIAL
logo
Intronics Power, Inc.
DC800 INTRONICS-DC800 Datasheet
202Kb / 1P
   5 WATT SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
Power-One
BRS505 POWER-ONE-BRS505 Datasheet
118Kb / 2P
   BRS DC/DC converters(1.5 WATT)
logo
Murata Manufacturing Co...
BWR-12 MURATA-BWR-12 Datasheet
136Kb / 4P
   3 Watt, Dual Output DC/DC Converters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com