Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECES2GC181CB Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECES2GC181CB
Description  Snap-in Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECES2GC181CB Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECES2GC181CB Datasheet HTML 1Page - Panasonic Semiconductor ECES2GC181CB Datasheet HTML 2Page - Panasonic Semiconductor ECES2GC181CB Datasheet HTML 3Page - Panasonic Semiconductor ECES2GC181CB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Aluminum Electrolytic Capacitors/MC
— EE168 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
400
n
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
6.3mm
4.0mm
Terminal Length
Terminal Length
Specification
Dia.
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+105
°C)
Standard Products
Min.PackagingQ'ty
(Standard Terminals)
Part No.
Length
390
30
35
1.30
0.15
ECES2EC391DB ECEC2EC391DB
100
35
30
1.30
0.15
ECES2EC391EB ECEC2EC391EB
100
470
25
50
1.40
0.15
ECES2EC471CB ECEC2EC471CB
200
30
40
1.40
0.15
ECES2EC471DB ECEC2EC471DB
100
35
30
1.40
0.15
ECES2EC471EB ECEC2EC471EB
100
250
560
30
45
1.50
0.15
ECES2EC561DB ECEC2EC561DB
100
35
35
1.50
0.15
ECES2EC561EB ECEC2EC561EB
100
680
30
50
1.70
0.15
ECES2EC681DB ECEC2EC681DB
100
35
40
1.70
0.15
ECES2EC681EB ECEC2EC681EB
100
820
35
45
2.00
0.15
ECES2EC821EB ECEC2EC821EB
100
1000
35
50
2.20
0.15
ECES2EC102EB ECEC2EC102EB
100
47
22
25
0.47
0.15
ECES2GC470BB ECEC2GC470BB
200
56
22
30
0.51
0.15
ECES2GC560BB ECEC2GC560BB
200
25
25
0.51
0.15
ECES2GC560CB ECEC2GC560CB
200
68
22
35
0.56
0.15
ECES2GC680BB ECEC2GC680BB
200
25
30
0.56
0.15
ECES2GC680CB ECEC2GC680CB
200
82
22
40
0.64
0.15
ECES2GC820BB ECEC2GC820BB
200
25
30
0.64
0.15
ECES2GC820CB ECEC2GC820CB
200
30
25
0.64
0.15
ECES2GC820DB ECEC2GC820DB
100
100
22
45
0.69
0.15
ECES2GC101BB ECEC2GC101BB
200
25
35
0.69
0.15
ECES2GC101CB ECEC2GC101CB
200
30
30
0.69
0.15
ECES2GC101DB ECEC2GC101DB
100
120
22
50
0.75
0.15
ECES2GC121BB ECEC2GC121BB
200
25
40
0.75
0.15
ECES2GC121CB ECEC2GC121CB
200
30
30
0.75
0.15
ECES2GC121DB ECEC2GC121DB
100
150
25
45
0.82
0.15
ECES2GC151CB ECEC2GC151CB
200
30
35
0.82
0.15
ECES2GC151DB ECEC2GC151DB
100
35
30
0.82
0.15
ECES2GC151EB ECEC2GC151EB
100
180
25
50
0.90
0.15
ECES2GC181CB ECEC2GC181CB
200
30
40
0.90
0.15
ECES2GC181DB ECEC2GC181DB
100
35
30
0.90
0.15
ECES2GC181EB ECEC2GC181EB
100
220
30
45
1.00
0.15
ECES2GC221DB ECEC2GC221DB
100
35
35
1.00
0.15
ECES2GC221EB ECEC2GC221EB
100
270
30
50
1.10
0.15
ECES2GC271DB ECEC2GC271DB
100
35
40
1.10
0.15
ECES2GC271EB ECEC2GC271EB
100
330
35
45
1.20
0.15
ECES2GC331EB ECEC2GC331EB
100
390
35
50
1.30
0.15
ECES2GC391EB ECEC2GC391EB
100
39
22
25
0.37
0.15
ECES2WC390BB ECEC2WC390BB
200
47
22
30
0.40
0.15
ECES2WC470BB ECEC2WC470BB
200
450
25
25
0.40
0.15
ECES2WC470CB ECEC2WC470CB
200
56
22
35
0.47
0.15
ECES2WC560BB ECEC2WC560BB
200
25
30
0.47
0.15
ECES2WC560CB ECEC2WC560CB
200
Endurance : 105
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35xφ45L are mounted on PWB, reinforce them with mounting clamp or adhesives.(Avoid
using adhesives including halogenated compositions.)
(Without P.V.C.plate)
(Without P.V.C.plate)
tan
δ
(120Hz)
(+20
°C)
Mar. 2005


Similar Part No. - ECES2GC181CB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
542Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 6, 1/2006
ECE-1AVKS220 NXP-ECE-1AVKS220 Datasheet
739Kb / 20P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 5/2006
logo
Ecliptek Corporation
ECE-20-30.000M-GA ECLIPTEK-ECE-20-30.000M-GA Datasheet
109Kb / 3P
   CRYSTAL
ECE-20-30.000M-GTR ECLIPTEK-ECE-20-30.000M-GTR Datasheet
109Kb / 3P
   CRYSTAL
ECE-20-30.000M-I2A ECLIPTEK-ECE-20-30.000M-I2A Datasheet
109Kb / 3P
   CRYSTAL
More results

Similar Description - ECES2GC181CB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC1CP103BJ PANASONIC-ECEC1CP103BJ Datasheet
143Kb / 13P
   Snap-in Type
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com