Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC2PP102DJ Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEC2PP102DJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2PP102DJ Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEC2PP102DJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC2PP102DJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE175 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
25
16
tan
δ
(120Hz)
(+20
°C)
(A)
(mm)
(V)
(µF)
(pcs)
(mm)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(120Hz)
(+85
°C)
Standard Products
Endurance : 85
°C 2000h
Terminal Pitch : 10mm
When capacitors of
φ35x45L and φ35x50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
10000
22
30
3.78
0.50
ECEC1CP103BJ
200
25
25
3.78
0.50
ECEC1CP103CJ
200
12000
22
30
4.52
0.50
ECEC1CP123BJ
200
25
25
4.52
0.50
ECEC1CP123CJ
200
15000
22
35
5.26
0.50
ECEC1CP153BJ
200
25
30
5.26
0.50
ECEC1CP153CJ
200
18000
22
40
5.57
0.50
ECEC1CP183BJ
200
25
30
5.57
0.50
ECEC1CP183CJ
200
22000
22
45
6.10
0.50
ECEC1CP223BJ
200
25
35
6.10
0.50
ECEC1CP223CJ
200
30
30
6.10
0.50
ECEC1CP223DJ
200
27000
25
45
6.31
0.50
ECEC1CP273CJ
200
30
35
6.31
0.50
ECEC1CP273DJ
100
33000
25
50
6.84
0.50
ECEC1CP333CJ
200
30
40
6.84
0.50
ECEC1CP333DJ
100
35
30
6.84
0.50
ECEC1CP333EJ
200
39000
30
45
6.94
0.56
ECEC1CP393DJ
100
35
35
6.94
0.56
ECEC1CP393EJ
100
47000
30
50
7.47
0.64
ECEC1CP473DJ
100
35
40
7.47
0.64
ECEC1CP473EJ
100
56000
35
45
8.73
0.73
ECEC1CP563EJ
100
68000
35
50
9.05
0.85
ECEC1CP683EJ
100
6800
22
30
3.47
0.40
ECEC1EP682BJ
200
25
25
3.47
0.40
ECEC1EP682CJ
200
8200
22
30
3.57
0.40
ECEC1EP822BJ
200
25
25
3.57
0.40
ECEC1EP822CJ
200
10000
22
35
3.78
0.40
ECEC1EP103BJ
200
25
30
3.78
0.40
ECEC1EP103CJ
200
30
25
3.78
0.40
ECEC1EP103DJ
200
12000
22
40
4.10
0.40
ECEC1EP123BJ
200
25
35
4.10
0.40
ECEC1EP123CJ
200
30
30
4.10
0.40
ECEC1EP123DJ
200
15000
22
50
4.63
0.40
ECEC1EP153BJ
200
25
40
4.63
0.40
ECEC1EP153CJ
200
30
30
4.63
0.40
ECEC1EP153DJ
200
18000
25
45
5.47
0.40
ECEC1EP183CJ
200
30
35
5.47
0.40
ECEC1EP183DJ
100
22000
25
50
6.10
0.40
ECEC1EP223CJ
200
30
40
6.10
0.40
ECEC1EP223DJ
100
27000
30
45
6.21
0.40
ECEC1EP273DJ
100
35
35
6.21
0.40
ECEC1EP273EJ
100
33000
30
50
6.84
0.40
ECEC1EP333DJ
100
Part No.
4.0mm
Terminal Length
(Without P.V.C.plate)
PET sleeve


Similar Part No. - ECEC2PP102DJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2PB102CJ PANASONIC-ECEC2PB102CJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2PB102DJ PANASONIC-ECEC2PB102DJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2PB122CJ PANASONIC-ECEC2PB122CJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2PB122DJ PANASONIC-ECEC2PB122DJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2PB122EJ PANASONIC-ECEC2PB122EJ Datasheet
71Kb / 5P
   Snap-in Type
More results

Similar Description - ECEC2PP102DJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com