Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H75-12S12 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # H75-12S12
Description  DC/DC MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

H75-12S12 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  H75-12S12 Datasheet HTML 1Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model
Input Voltage
Range (Vin)
I in No
Load
I in Full
Load
Vo
(V)
Io
(A)
Eff
Typ (%)
Case
Pinout
Regulation
Line/Load (%)
Riple/Noise
Typ. (mVp-p)
Q150-48S1.5
36 - 75
0.100
1.80
1.5
45
85
Q150
QS
±0.2 / ±0.2
100
Q150-48S1.8
36 - 75
0.100
2.20
1.8
45
86
Q150
QS
±0.1 / ±0.1
100
Q150-48S2.5
36 - 75
0.100
2.80
2.5
40
87
Q150
QS
±0.1 / ±0.1
100
Q150-48S3.3
36 - 75
0.100
3.20
3.3
35
89
Q150
QS
±0.1 / ±0.1
100
Q150-48S5
36 - 75
0.100
4.00
5
30
91
Q150
QS
±0.1 / ±0.1
100
Q150-48S12
36 - 75
0.100
4.10
12
12
93
Q150
QS
±0.1 / ±0.1
100
H75-12S2.5
9 - 18
0.050
4.11
2.5
15.0
76
H
HS
±0.2 / ±0.2
75
H75-12S3.3
9 - 18
0.050
5.29
3.3
15.0
78
H
HS
±0.2 / ±0.2
75
H75-12S5
9 - 18
0.050
7.72
5
15.0
81
H
HS
±0.2 / ±0.2
75
H75-12S12
9 - 18
0.050
7.44
12
6.3
84
H
HS
±0.2 / ±0.2
100
H75-12S15
9 - 18
0.050
7.44
15
5.0
84
H
HS
±0.2 / ±0.2
100
H75-12S24
9 - 18
0.050
7.44
24
3.1
84
H
HS
±0.2 / ±0.2
240
H100-24S2.5
18 - 36
0.050
2.71
2.5
20.0
77
H
HS
±0.2 / ±0.2
50
H100-24S3.3
18 - 36
0.050
3.48
3.3
20.0
79
H
HS
±0.2 / ±0.2
50
H100-24S5
18 - 36
0.050
5.02
5
20.0
83
H
HS
±0.2 / ±0.2
50
H100-24S12
18 - 36
0.050
4.88
12
8.3
85
H
HS
±0.2 / ±0.2
100
H100-24S15
18 - 36
0.050
4.93
15
6.7
85
H
HS
±0.2 / ±0.2
100
H100-48S24
36 - 75
0.050
2.46
24
4.2
85
H
HS
±0.2 / ±0.2
240
H150-48S1.5
36 - 75
0.100
1.10
1.5
30.0
85
H120
HS
±1.0 / ±1.0
100
H150-48S1.8
36 - 75
0.100
1.30
1.8
30.0
86
H120
HS
±1.0 / ±1.0
100
H150-48S2.5
36 - 75
0.100
1.80
2.5
30.0
75
H120
HS
±1.0 / ±1.0
100
H150-48S3.3
36 - 75
0.100
3.10
3.3
30.0
79
H120
HS
±1.0 / ±1.0
100
H150-48S5
36 - 75
0.100
2.30
5
30.0
83
H120
HS
±1.0 / ±1.0
100
H150-48S12
36 - 75
0.100
2.20
12
12.5
85
H120
HS
±1.0 / ±1.0
100
H150-48S-15
36-75
0.100
3.60
15
10
85
H120
H5
±1.0 / ±1.0
100
NOTE: ADD SUFFIX “N” FOR NEGATIVE LOGIC VERSIONS Typical at Ta= +25 ºC under nominal line voltage and 75% load conditions, unless noted. The information contained in this brief are believed to be
accurate and reliable at the time of publication. Specifications are subject to change without notice. Refer to specification sheet for performance characteristics and application guidelines.
Applications
• Servers, Switches and Data Storage • Networking Gear
• Wireless Communications
• Data Communications
• Distributed Power Architecture
• Telecommunications
• Semiconductor Test Equipment
• Industrial / Medical
Q & H SERIES
DC/DC MODULES
All dimensions are in inches [mm]
Pins 4 & 8 (Q150) are dia. 0.062 [1.57]
Pins 5 & 9 (H) are dia. 0.08 [2.03]
Tolerances
Inches
Millimeters
• XX ±0.020
•X
±0.5
• XXX ±0.010 • XX ±0.25
Pin: ±0.002
±0.05
Approval Pending
BOTTOM VIEW
Q FAMILY
• Output current limit and short circuit protection
• High power density up to 90W/inch³
• MTBF of up to 1,600,000 hours @ 50°C (Bellcore)
• Remote On/Off pin control (Negative Logic available)
• Meets Basic Insulation requirements of EN60950 (Open Frame Q and H Families)
• UL 60950 recognized, TUV EN60950 and CSA C22.2 No. 60950-00 Certified (Approvals Pending)
• Meets conducted limits of FCC Class B and CEI IEC61204-3 Class B with external filter
Specifications & Features Summary
• No minimum load required
• -40°C to +85°C ambient operation
• Output adjustment +/-10% range
• 1500V, 10MΩ input-to-output isolation
• Unique Flat Transformer Technology
• Complimentary Circuits
• Over Temperature protection
• Output remote sense feature
• Input undervoltage lockout
The Q and H Families of high power, high density DC/DC converters offer power levels of up to 150 Watt in Industry-Standard Quarter-brick and Half-brick Pinouts. With a wide input voltage range
and outputs, ranging from 1.5 to 24 Volts, these converters provide versatility without sacrificing the board space. All models feature an input filter, input undervoltage lockout, overtemperature
protection, output current limiting and short circuit protection. Various packaging techniques offer versatility for multitude of applications and requirements. The use of patented design concepts
facilitates maximum power delivered with the highest efficiency of up to 93%. All converters combine creative design practices with highly derated power devices to achieve very high reliability,
high performance and low cost solution to systems designers.
BOTTOM VIEW
H FAMILY
All other pins are dia. 0.040 [1.02]
Case: Aluminum material with anodized finish
Weight: 39.5g (1.4oz) for Q and 60g (2.3oz) for H Series
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015 Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. D
0.09
[2.29]
2.00
[50.80]
1.45
[38.8]
0.15
[3.81]
0.30
[7.62]
1.19
[30.23] 0.60
[15.24]
0.30
[7.62]
0.13
[3.30]
0.20
[5.08]
1 Vin +
2 On/Off
3 Vin -
Vo - 4
Sense - 5
Trim 6
0.425
[10.80]
Sense + 7
Vo + 8
2.30
[58.40]
0.14
[3.56]
0.15
[3.81]
0.60
[15.24]
MOUNTING INSERTS
M3 X .05 THRU. 2 PLS.
SIDE VIEW
0.46 max.
[11.7]
2.002
[51.30]
MOUNTING INSERTS
0.13
[3.30]
Θ x 0.040
[1.02]
Θ x 0.062
[1.52] 2 pl.
MOUNTING INSERTS
M3 X 0.5 THRU 4PL.
2.00
[50.80]
1.40
[35.56]
0.60
[15.24]
2.40
[61.00]
1.90
[48.26]
2.28
[57.90]
0.40
[10.16]
0.04
[1.02] 7 pl.
0.18 min.
0.08
[2.03] 2 pl.
[4.60]
0.50
[12.70]
2*R1.5
1 Vin+
Vo+ 9
Trim 7
Sense - 6
Vo- 5
Sense + 8
4 Vin-
3 NC (H120)
or Case
2 On/Off
H 120 OPEN FRAME
CONSTRUCTION


Similar Part No. - H75-12S12

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H7500NL PULSE-H7500NL Datasheet
123Kb / 3P
   Designed to Support 10GBASE-T Transceivers
logo
Hamamatsu Corporation
H7546B HAMAMATSU-H7546B Datasheet
101Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE ASSEMBLY
logo
Veris. All Rights Reser...
H758 VERIS-H758 Datasheet
782Kb / 2P
   Current Switches with Relay: Adjustable Trip Point
logo
Baumer IVO GmbH & Co. K...
H7580 IVO-H7580 Datasheet
70Kb / 1P
   My-Com precision switches
logo
SIPAT Co,Ltd
H75C SIPAT-H75C Datasheet
187Kb / 3P
   875MHz SAW Filter 12MHz Bandwidth
More results

Similar Description - H75-12S12

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
   DC/DC MODULES
W30-12S1.5 INTRONICS-W30-12S1.5 Datasheet
451Kb / 15P
   DC/DC MODULES
U15-12S5 INTRONICS-U15-12S5 Datasheet
182Kb / 1P
   DC/DC MODULES
W7-12S5 INTRONICS-W7-12S5 Datasheet
184Kb / 1P
   DC/DC MODULES
S10-5S1.0 INTRONICS-S10-5S1.0 Datasheet
236Kb / 1P
   DC/DC MODULES
U3-12S5 INTRONICS-U3-12S5 Datasheet
119Kb / 1P
   DC/DC MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com