Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEG2DG562H Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEG2DG562H
Description  Screw Terminal Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEG2DG562H Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEG2DG562H Datasheet HTML 1Page - Panasonic Semiconductor ECEG2DG562H Datasheet HTML 2Page - Panasonic Semiconductor ECEG2DG562H Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Aluminium Electrolytic Capacitors/GNH
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE193 –
Endurance : 105
°C 2000 h
(mm)
(V)
(µF)
(A)
s
(mm)
(mm)
No
( ):Mounting Clamp
2point
clamp
clamp
3 point
Terminal
Part No.
Specification
Dia
.
Length
Case size
W.V.
Ripple
current
(120Hz)
(+105
°C)
Pitch
Standard Products
Cap.
(-10 to +30%)
1000
51
83
2.07
0.1
22.0
ECEG2VG102L( )
N
C
F
1200
51
103
2.52
0.1
22.0
ECEG2VG122K( )
N
C
F
1500
51
125
3.18
0.1
22.0
ECEG2VG152J( )
N
C
F
1800
51
145
3.75
0.1
22.0
ECEG2VG182H( )
N
C
F
64
103
3.75
0.1
28.6
ECEG2VG182G( )
N
C
F
350
2200
64
125
4.89
0.1
28.6
ECEG2VG222F(
)
N
C
F
2700
64
145
5.74
0.1
28.6
ECEG2VG272E(
)
N
C
F
3900
77
125
7.16
0.1
31.8
ECEG2VG392D( )
N
C
F
4700
77
145
8.53
0.1
31.8
ECEG2VG472C( )
N
C
F
6800
90
150
12.1
0.1
31.8
ECEG2VG682A( )
N
F
390
36
83
1.08
0.1
13.0
ECEG2GG391P( )
N
F
470
36
103
1.32
0.1
13.0
ECEG2GG471N( )
N
F
560
36
125
1.62
0.1
13.0
ECEG2GG561M( )
N
F
820
51
83
1.90
0.1
22.0
ECEG2GG821L( )
N
C
F
1000
51
103
2.41
0.1
22.0
ECEG2GG102K( )
N
C
F
1200
51
125
2.83
0.1
22.0
ECEG2GG122J( )
N
C
F
400
1500
51
145
3.45
0.1
22.0
ECEG2GG152H( )
N
C
F
1800
64
103
4.08
0.1
28.6
ECEG2GG182G( )
N
C
F
2200
64
125
4.94
0.1
28.6
ECEG2GG222F( )
N
C
F
2700
64
145
5.75
0.1
28.6
ECEG2GG272E(
)
N
C
F
3300
77
125
6.63
0.1
31.8
ECEG2GG332D( )
N
C
F
3900
77
145
7.79
0.1
31.8
ECEG2GG392C( )
N
C
F
5600
90
150
11.1
0.1
31.8
ECEG2GG562A( )
N
F
D.F.
(120Hz)
(+20
°C)
Discontinued
Mar. 2005


Similar Part No. - ECEG2DG562H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG2DH103D PANASONIC-ECEG2DH103D Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2DH122P PANASONIC-ECEG2DH122P Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2DH123C PANASONIC-ECEG2DH123C Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2DH152N PANASONIC-ECEG2DH152N Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2DH153A PANASONIC-ECEG2DH153A Datasheet
60Kb / 3P
   Screw Terminal Type
More results

Similar Description - ECEG2DG562H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
   Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
EEGXB2V222G PANASONIC-EEGXB2V222G Datasheet
60Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com