Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U3-12S5 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # U3-12S5
Description  DC/DC MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

U3-12S5 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  U3-12S5 Datasheet HTML 1Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Applications
• Servers, Switches and Data Storage • Networking Gear
• Wireless Communications
• Data Communications
• Distributed Power Architecture
• Telecommunications
• Semiconductor Test Equipment
• Industrial / Medical
The U3 Family of high efficiency DC/DC converters offer power levels of up to 3 Watt, which exceeds that of other sub-bricks with the same package, while also providing Ultra-Wide Input Voltage
Range. With a 4:1 input voltage range and single & multi-outputs, these converters provide versatility without sacrificing the board space. All models feature an input filter, continuous short circuit
protection and regulated outputs. The fully enclosed, encapsulated construction facilitates maximum power delivered with the highest efficiency of up to 80%. All converters combine creative
design practices with highly derated power devices to achieve very high reliability, high performance and low cost solution to systems designers.
Specifications & Features Summary
• Regulated Outputs
• -25°C to +71°C ambient operation
• Continuous Short-circuit protection
• up to 3KV, 10M
Ω input-to-output isolation
• Pi Input Filter
• 4:1 Input Range
THROUGH-HOLE PACKAGES ONLY
U3 SERIES
DC/DC MODULES
Approval Pending
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015
Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. B
• 5-sided metal shield High Isolation versions
• 200KHz Switching Frequency
• No airflow or heatsink required
• Voltage Accuracy ± 2%
Model Num
VIn
VOut
IOut
INo Load
IFull Load
Eff
Case
U3-12S5
9-36 VDC
5.0 VDC
600.0 mA
15.0 mA
174 mA
72%
T
U3-12S12
9-36 VDC
12.0 VDC
250.0 mA
15.0 mA
165 mA
76%
T
U3-12S15
9-36 VDC
15.0 VDC
200.0 mA
15.0 mA
165 mA
76%
T
U3-12D5
9-36 VDC
±5.0 VDC
±300.0 mA
25.0 mA
179 mA
70%
T
U3-12D12
9-36 VDC
±12.0 VDC
±125.0 mA
25.0 mA
174 mA
72%
T
U3-12D15
9-36 VDC
±15.0 VDC
±100.0 mA
25.0 mA
174 mA
72%
T
U3-12S3.3
9-36 VDC
3.3 VDC
600.0 mA
15.0 mA
117 mA
70%
T
U3-48S5
18-72 VDC
5.0 VDC
600.0 mA
7.5 mA
87 mA
72%
T
U3-48S12
18-72 VDC
12.0 VDC
250.0 mA
7.5 mA
78 mA
80%
T
U3-48S15
18-72 VDC
15.0 VDC
200.0 mA
7.5 mA
78 mA
80%
T
U3-48D5
18-72 VDC
±5.0 VDC
±300.0 mA
12.0 mA
88 mA
71%
T
U3-48D12
18-72 VDC
±12.0 VDC
±125.0 mA
12.0 mA
87 mA
72%
T
U3-48D15
18-72 VDC
±15.0 VDC
±100.0 mA
12.0 mA
87 mA
72%
T
U3-48S3.3
18-72 VDC
3.3 VDC
600.0 mA
7.5 mA
58 mA
70%
T
SPECIFICATIONS
Input Specifications
Input Voltage Range
24V--------9-36V
48V--------18-72V
Input Filter
Pi Type
Output Specifications
Voltage Accuracy
±2.0% max.
Voltage Balance(Dual)
±1.0% / max.
Temperature Coefficient
±0.05% / oC
Ripple and Noise, 20MHz BW,
Single & ±5Vo
100mV p-p max.
Dual
1% p-p max.
Short Circuit Protection
Continuous
Line Regulation, Single/Dual1
±0.5%
Load Regulation, Single2
±0.5%
Dual3
±1.0%
Efficiency
See Table
Isolation Resistance
109 ohms
Switching Frequency
100KHz, min
Operating Temperature Range
-25oC to +71oC
Case Temperature (Plastic case)
95oC max.
(Copper case)
100oC max.
Cooling
Free-Air Convection
Storage Temperature Range
-40oC to +100oC
Dimensions
1.25X0.8X0.4 Inches
(31.8X20.3X10.2mm)
Isolation Voltage 500VDC
(Standard Models)
1,500VDC min (Add suffix “HM”)
Suffix “HM” Models
3K VDC min4 (Add Suffix “H”)
Suffix "M" Models
Case Material
Standard Models
Non-Conductive Black Plastic
Suffix "HM" Models
Black Coated Copper with Non-
Conductive Base
Notes
1.
Measured From High Line to Low Line
2.
Measured From Full Load to 10% Load
3.
Measured From Full Load to 1/4 Load
4.
Non-Conductive Black Plastic Only
Mechanical Outline and Pinouts for U3 Family DC/DC Converters
Typical at Ta= +25 ºC under nominal input voltages of 24V and 48VDC, unless noted. The information and specifications contained in this brief are believed to be accurate and reliable at the time of publication. Specifications
are subject to change without notice. Refer to product specification sheet for performance characteristics and application guidelines.
Consult factory for hundreds of other available input/output voltage configurations.


Similar Description - U3-12S5

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
   DC/DC MODULES
Q150-48S1.5 INTRONICS-Q150-48S1.5 Datasheet
239Kb / 1P
   DC/DC MODULES
W30-12S1.5 INTRONICS-W30-12S1.5 Datasheet
451Kb / 15P
   DC/DC MODULES
U15-12S5 INTRONICS-U15-12S5 Datasheet
182Kb / 1P
   DC/DC MODULES
W7-12S5 INTRONICS-W7-12S5 Datasheet
184Kb / 1P
   DC/DC MODULES
S10-5S1.0 INTRONICS-S10-5S1.0 Datasheet
236Kb / 1P
   DC/DC MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com