Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U15-12D12 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # U15-12D12
Description  DC/DC MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

U15-12D12 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  U15-12D12 Datasheet HTML 1Page - Intronics Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum total power from all outputs is limited to 15 watts, but no output should be allowed to exceed
its maximum current. Minimum current on each output is required to maintain specified regulation.
Approval Pending
Model Num
VIn
VOut
IOut
INo Load
IFull Load
Eff
Case
U15-12S5
9-36 VDC
5.0 VDC
3.0A
15.0 mA
810.0 mA
77%
W2530
U15-12S12
9-36 VDC
12.0 VDC
1.25A
15.0 mA
780.0 mA
80%
W2530
U15-12S15
9-36 VDC
15.0 VDC
1.0A
15.0 mA
780.0 mA
80%
W2530
U15-12D5
9-36 VDC
±5.0 VDC
±1.5A
20.0 mA
810.0 mA
77%
W2530
U15-12D12
9-36 VDC
±12.0 VDC
±0.625A
20.0 mA
780.0 mA
80%
W2530
U15-12D15
9-36 VDC
±15.0 VDC
±0.5A
20.0 mA
780.0 mA
80%
W2530
U15-12T5-12
9-36 VDC
±12.0/5.0 VDC
±0.31A/1.5A
20.0 mA
780.0 mA
80%
W2530
U15-12T5-15
9-36 VDC
±15.0/5.0 VDC
±0.25A/1.5A
20.0 mA
780.0 mA
80%
W2530
U15-12S3.3
9-36 VDC
3.3 VDC
3.0A
15.0 mA
545.0 mA
76%
W2530
U15-48S5
18-72 VDC
5.0 VDC
3.0A
10.0 mA
410.0 mA
77%
W2530
U15-48S12
18-72 VDC
12.0 VDC
1.25A
10.0 mA
390.0 mA
80%
W2530
U15-48S15
18-72 VDC
15.0 VDC
1.0A
10.0 mA
390.0 mA
80%
W2530
U15-48D5
18-72 VDC
±5.0 VDC
±1.5A
15.0 mA
400.0 mA
79%
W2530
U15-48D12
18-72 VDC
±12.0 VDC
±0.625A
15.0 mA
380.0 mA
82%
W2530
U15-48D15
18-72 VDC
±15.0 VDC
±0.5A
15.0 mA
380.0 mA
82%
W2530
U15-48T5-12
18-72 VDC
±12.0/5.0 VDC
±0.31A/1.5A
15.0 mA
380.0 mA
82%
W2530
U15-48T5-15
18-72 VDC
±15.0/5.0 VDC
±0.25A/1.5A
15.0 mA
380.0 mA
82%
W2530
U15-48S3.3
18-72 VDC
3.3 VDC
3.0A
10.0 mA
270.0 mA
76%
W2530
SPECIFICATIONS
Input Specifications
Input Voltage Range
12V----------9-36V
48V--------18-72V
Input Filter
Pi Type
Output Specifications
Voltage Accuracy
Single Output
+/-1.0% max.
Dual +Output
+/-1.0% max.
-Output
+/-3.0% max.
Triple, 5V
+/-2.0% max.
12V / 15V
+/-3.0% max.
Voltage Balance(Dual)
+/-1.0% max.
Transient Response:
Single, 25% Step Load Change
<500u sec.
Dual,FL-1/2L +/- 1% Error Band
<500u sec.
External Trim Adj. Range
+/-10%
Ripple and Noise, 20MHz BW
10mV RMS. Max.
75mV p-p max.
Temperature Coefficient
+/-0.02% / oC
Short Circuit Protection
Continuous
Line Regulation, Single/Dual
+/-0.2% max.
Triple
+/-1.0% max.
Load Regulation, Single/Dual
+/-1.0% max.
Triple
+/-5.0% max.
General Specifications
Efficiency
Up to 82%
Isolation Voltage
500 VDC min
Isolation Resistance
109 ohms
Switching Frequency
300KHz, min
Case Grounding
Connected to Output Common
Operating Temperature Range
-25oC to +71oC
Case Temperature
100oC max.
Cooling
Free-Air Convection
Storage Temperature Range
-55oC to +105oC
EMI / RFI
Six Sided Continuous Shield
Dimensions
2X2X0.4 Inches
(50.8X50.8X10.2mm)
Case Material
Black Coated Copper w/Non-Conductive Base
Notes:
1.
Measured From High Line to Low Line
2.
Measured From Full Load to 1/4 Load
The U15 Family of high efficiency DC/DC converters offer power levels of up to 15 Watt. With ultra-wide input voltage range and single and multi-outputs, these converters provide versatility without
sacrificing the board space. All models feature an input Pi filter and continuous short circuit protection. The fully enclosed, encapsulated construction achieves very efficient heat transfer with no hot
spots. All converters combine creative design practices with highly derated power devices to achieve very high reliability, high performance and low cost solution to systems designers.
Specifications & Features Summary
• 500Vdc minimum, 10M
Ω input-to-output isolation
• No airflow or heatsink required
• Enclosed six-sided metal shield construction for low EMI/RFI
• Efficiency to 82%
• 4:1 Input Range
• Pi Input Filter
• Continuous Short Circuit Protection
• Remote On/Off Control
• Delivers up to 15W in 2”x2” package with Industry-Standard Pinouts
Applications
• Servers, Switches and Data Storage • Networking Gear
• Wireless Communications
• Data Communications
• Distributed Power Architecture
• Telecommunications
• Semiconductor Test Equipment
• Industrial / Medical
U15 SERIES
DC/DC MODULES
The output voltage can be trimmed (±10%) using an external resistor. To trim the output up (down) connect a resistor between
pins 5 and 6 (7). A 10KΩ trim pot can also be used to make the output variable. Connect the wiper to pin 5 and make the other
connections to pins 6 and 7.
BOTTOM VIEW
U15 FAMILY
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015
Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. B
1.80
[45.72]
2.00
[50.80]
2.00
[50.80]
0.80
[20.32]
0.40
[10.16]
0.20
[5.08]
0.10
[2.54]
0.30
[7.62]
0.60
[15.24]
0.40
[10.16]
0.20
[5.08]
0.40
[10.2]
SIDE VIEW
1
3
4
7
6
5
8
2
0.40
[10.16]
Triple Output Loading Table (1)
Amperes
Pin #
S(ingle)
D(ual)
T(riple)
Voltage
Min. (2)
Nom.
1
On/Off
On/Off
On/Off
2
No Pin
No Pin
No Pin
3
Vin -
Vin -
Vin -
4
Vin +
Vin +
Vin +
5
Trim
Trim
- Aux. Out
+12(15) or -12(15)
0.10
0.31(0.25)
6
Vout -
Vout -
Common
7
Vout +
Common
+5Vout
+5
0.25
1.5
8
No Pin
Vout +
+ Aux. Out
+12(15) or -12(15)
0.10
0.31(0.25)
All dimensions are in inches [mm]. All pins are dia. 0.040 [1.02] Tolerances: .XX= ±0.04, .XXX= ±0.010
REMOTE ON/OFF CONTROL
Logic Compatibility
EC-On
EC-Off
Shutdown Idle Current
Input Resistance
Control Common
CMOS or Open Collector TTL
>+5.5Vdc or Open Circuit
<1.8Vdc
10mA
100K ohms (Ein 0 Vdc to 9 Vdc)
Referenced to Input Minus
Consult factory for hundreds of other input / output voltage configurations
Typical at Ta= +25 ºC under nominal line voltage and 75% load conditions, unless noted. The information and specifications
contained in this brief are believed to be accurate and reliable at the time of publication. Specifications are subject to change
without notice. Refer to product specification sheet for performance characteristics and application guidelines.


Similar Part No. - U15-12D12

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
U15-11-6 FERROXCUBE-U15-11-6 Datasheet
52Kb / 4P
   U, I cores and accessories
More results

Similar Description - U15-12D12

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
   DC/DC MODULES
Q150-48S1.5 INTRONICS-Q150-48S1.5 Datasheet
239Kb / 1P
   DC/DC MODULES
W30-12S1.5 INTRONICS-W30-12S1.5 Datasheet
451Kb / 15P
   DC/DC MODULES
W7-12S5 INTRONICS-W7-12S5 Datasheet
184Kb / 1P
   DC/DC MODULES
S10-5S1.0 INTRONICS-S10-5S1.0 Datasheet
236Kb / 1P
   DC/DC MODULES
U3-12S5 INTRONICS-U3-12S5 Datasheet
119Kb / 1P
   DC/DC MODULES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com