Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AVC4T245BQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AVC4T245BQ
Description  4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC4T245BQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AVC4T245BQ Datasheet HTML 5Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 6Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 7Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 8Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 9Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 10Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 11Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 12Page - NXP Semiconductors 74AVC4T245BQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
74AVC4T245_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 20 July 2009
9 of 25
NXP Semiconductors
74AVC4T245
4-bit dual supply translating transceiver; 3-state
[1]
VCCO is the supply voltage associated with the output port.
[2]
VCCI is the supply voltage associated with the data input port.
[3]
For I/O ports, the parameter IOZ includes the input leakage current.
ICC
supply current
A port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
µA
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
8
-
50
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
−2-
−12
-
µA
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-10
-
55
µA
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-8
-
50
µA
VCC(A) = 3.6 V; VCC(B) = 0 V
−2-
−12
-
µA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
8
-
50
µA
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-20
-
70
µA
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI;
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-16
-
65
µA
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
Table 8.
Typical total supply current (ICC(A) + ICC(B))
VCC(A)
VCC(B)
Unit
0 V
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
0 V
0
0.1
0.1
0.1
0.1
0.1
0.1
µA
0.8 V
0.1
0.1
0.1
0.1
0.1
0.3
1.6
µA
1.2 V
0.1
0.1
0.1
0.1
0.1
0.1
0.8
µA
1.5 V
0.1
0.1
0.1
0.1
0.1
0.1
0.4
µA
1.8 V
0.1
0.1
0.1
0.1
0.1
0.1
0.2
µA
2.5 V
0.1
0.3
0.1
0.1
0.1
0.1
0.1
µA
3.3 V
0.1
1.6
0.8
0.4
0.2
0.1
0.1
µA


Similar Part No. - 74AVC4T245BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AVC4T245BQ NEXPERIA-74AVC4T245BQ Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC4T245BQ-Q100 NEXPERIA-74AVC4T245BQ-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
More results

Similar Description - 74AVC4T245BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVC4T245-Q100 NEXPERIA-74AVC4T245-Q100 Datasheet
350Kb / 25P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4TD245 NEXPERIA-74AVC4TD245 Datasheet
280Kb / 24P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3 - 9 June 2017
74AVCH4T245 NEXPERIA-74AVCH4T245 Datasheet
847Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 17 December 2015
logo
NXP Semiconductors
74AVCH4T245 PHILIPS-74AVCH4T245_15 Datasheet
191Kb / 29P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-14 December 2011
logo
Nexperia B.V. All right...
74AVCH4T245-Q100 NEXPERIA-74AVCH4T245-Q100 Datasheet
870Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4TD245 PHILIPS-74AVC4TD245_15 Datasheet
563Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 2-9 December 2011
logo
Nexperia B.V. All right...
74AVC4TD245PW NEXPERIA-74AVC4TD245PW Datasheet
263Kb / 23P
   4-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC4T245 NEXPERIA-74AVC4T245 Datasheet
377Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com