Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEGXB2W332G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEGXB2W332G
Description  Screw Terminal Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEGXB2W332G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEGXB2W332G Datasheet HTML 1Page - Panasonic Semiconductor EEGXB2W332G Datasheet HTML 2Page - Panasonic Semiconductor EEGXB2W332G Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Aluminum Electrolytic Capacitors/GXB
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
— EE194 —
Series:
GXB
-25 to + 105
°C
350 to 450 V .DC
2200 to 15000 µ F
±20% (120Hz/+20
°C)
Japan
Frequency (Hz)
60
120
300
360
1k
3k
10k to
0.80
1.00
1.15
1.18
1.30
1.40
1.48
φD
φD1
φD2
W1 W2
64
77
90
76.0
89.0
101.6
86.0
100.0
113.0
8.0
8.0
8.0
13.0
14.0
14.0
(mm)
(mm)
φD2
W1
W2
45°
120
°
φD
64
77
90
F
28.6
31.8
31.8
Category temp. range
Rated W.V. Range
Nominal Cap. Range
(µA) or 5(mA) whichever, smaller, after 5 minutes application of rated working
voltage at +20
°C C:Capacitance(µF) V: W.V. (V.DC)
3ヨCV
DC Leakage Current
Capacitance Tolerance
Dissipation Factor
Endurance
Shelf Life
After 5000 hours application of DC voltage with specified ripple current (< rated DC working
voltage ) at +105
°C, the capacitor shall meet the following limits.
Please see the attached standard products list
Capacitance change
D.F.
DC leakage current
After storage for 1000 hours at +105±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in ìEnduranceî.(With voltage treatment)
Withstand Voltage
Application of 2000 V.AC between V-block and terminals for 1 minute, there shall be no
abnormalities like destruction of insulator.
n
Dimensions in mm (not to scale)
n
Mounting clamp
Screw Terminal Type
n
Features
High ripple current handling capability (50% higher than series G-UP)
Newly improved long life and safety design(Endurance : 105
°C 5000 h)
n
Recommended Application
Suitable for the Hi-ripple circuit of electric vehicle, electric train,
general-purpose inverter.
n
Specifications
Frequency correction
factor for ripple current
±20 % of initial measured value
<
200 % of initial specified value
<
initial specified value
Correction factor
L+4 max
9 max
M5x12
Hexagonal-bolt
Vent
P.V.C. sleeve
Discontinued
Mar. 2005


Similar Part No. - EEGXB2W332G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEGTA2W103H PANASONIC-EEGTA2W103H Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W103J PANASONIC-EEGTA2W103J Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W123J PANASONIC-EEGTA2W123J Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
EEGTA2W332G PANASONIC-EEGTA2W332G Datasheet
51Kb / 2P
   Screw Terminal Type
More results

Similar Description - EEGXB2W332G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEG1AU683P PANASONIC-ECEG1AU683P Datasheet
88Kb / 5P
   Screw Terminal Type
ECOG2VU102M PANASONIC-ECOG2VU102M Datasheet
64Kb / 2P
   Screw Terminal Type
ECOG2CP123D PANASONIC-ECOG2CP123D Datasheet
68Kb / 3P
   Screw Terminal Type
ECEG2CH152P PANASONIC-ECEG2CH152P Datasheet
60Kb / 3P
   Screw Terminal Type
EEGTA2W272G PANASONIC-EEGTA2W272G Datasheet
51Kb / 2P
   Screw Terminal Type
ECEG2CG182P PANASONIC-ECEG2CG182P Datasheet
58Kb / 3P
   Screw Terminal Type
logo
METZ CONNECT GmbH
312491XX METZ-312491XX Datasheet
294Kb / 5P
   screw type terminal block, pluggable
311571XX METZ-311571XX Datasheet
366Kb / 6P
   screw type terminal block, pluggable
313491XX METZ-313491XX Datasheet
316Kb / 5P
   screw type terminal block, pluggable
310611XX METZ-310611XX Datasheet
254Kb / 5P
   screw type terminal block, solderable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com