Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEC2EP331DJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEC2EP331DJ
Description  Snap-in Type
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEC2EP331DJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEC2EP331DJ Datasheet HTML 1Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 2Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 3Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 4Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 5Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 6Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 7Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 8Page - Panasonic Semiconductor ECEC2EP331DJ Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Aluminum Electrolytic Capacitors/ UP
 EE174 
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
Japan
Malaysia
U.S.A (ii)
Snap-in Type
n
Features
n
Recommended Applications
n
Specifications
n
Dimensions in mm (not to scale)
Endurance: 85
°C 2000 h
Length 20 mm
RoHS directive compliant
Smoothing circuits, AC adaptor,
10.0±0.1
L+2.0 max
(10.0) 2-
φ2.0±0.1
PET Sleeve
Vent
Polarity bar
Recommended PWB piercing plan
(ii) Regarding USA product,
Please check PEDCA s
Catalog.
Country of Origin
+0.2
0.8
-0.1
1.5 ± 0.2
2.0max
Terminal
(t= 0.8)
Bottom of can
Standard terminal type does not require
terminal trimming process.
UP
TS
Series:
Type :
,
-40 to + 85
°C
-25 to + 85
°C
16 to 250 V .DC
315 to 450 V .DC
120 to 68000 µ F
33 to 820 µ F
±20 % (120Hz/+20
°C)
Frequency (Hz)
16 to 100V
160 to 450V
50
60
100
120
500
1k
10k to
0.93
0.95
0.99
1.00
1.05
1.08
1.15
0.75
0.80
0.95
1.00
1.20
1.25
1.40
(µA) max. after 5 minutes application of rated working voltage at +20
°C.
C:Capacitance(µF) V: W.V. (V.DC)
3
√CV
Category temp. range
Rated W.V. Range
Nominal Cap. Range
DC Leakage Current
Capacitance Tolerance
tan
δ
Endurance
Shelf Life
After 2000 hours application of DC voltage with specified ripple current (< rated DC working
voltage) at +85
°C, the capacitor shall meet the following limits.
Please see the attached standard products list
Capacitance change
tan
δ
DC leakage current
±20 % of initial measured value
<
200 % of initial specified value
<
initial specified value
After storage for 1000 hours at +85±2
°C with no voltage applied and then being stabilized
at +20
°C, capacitors shall meet the limits specified in Endurance.(With voltage treatment)
Frequency Correction
Factor for Ripple Current Correction Factor
4.0 ± 0.5


Similar Part No. - ECEC2EP331DJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2EB102DJ PANASONIC-ECEC2EB102DJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB102EJ PANASONIC-ECEC2EB102EJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB122EJ PANASONIC-ECEC2EB122EJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB152EJ PANASONIC-ECEC2EB152EJ Datasheet
71Kb / 5P
   Snap-in Type
ECEC2EB331CJ PANASONIC-ECEC2EB331CJ Datasheet
71Kb / 5P
   Snap-in Type
More results

Similar Description - ECEC2EP331DJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEC2CB471BJ PANASONIC-ECEC2CB471BJ Datasheet
71Kb / 5P
   Snap-in Type
EETLD2D221BJ PANASONIC-EETLD2D221BJ Datasheet
100Kb / 2P
   Snap-in Type
EETUQ1C123HJ PANASONIC-EETUQ1C123HJ_08 Datasheet
472Kb / 11P
   Snap-in Type
ECES2DC181BB PANASONIC-ECES2DC181BB Datasheet
67Kb / 4P
   Snap-in Type
ECEC1AA103BJ PANASONIC-ECEC1AA103BJ Datasheet
102Kb / 7P
   Snap-in Type
ECOS2EG101DX PANASONIC-ECOS2EG101DX Datasheet
57Kb / 3P
   Snap-in Type
EETXB2C271HJ PANASONIC-EETXB2C271HJ Datasheet
242Kb / 5P
   Snap-in Type
EETED2D271HJ PANASONIC-EETED2D271HJ Datasheet
215Kb / 4P
   Snap-in Type
EETHC1A123HJ PANASONIC-EETHC1A123HJ Datasheet
555Kb / 13P
   Snap-in Type
logo
Surge Components
LS SURGE-LS Datasheet
10Mb / 11P
   snap-in terminal type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com