Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4528B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HEF4528B
Description  Dual monostable multivibrator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HEF4528B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HEF4528B Datasheet HTML 2Page - NXP Semiconductors HEF4528B Datasheet HTML 3Page - NXP Semiconductors HEF4528B Datasheet HTML 4Page - NXP Semiconductors HEF4528B Datasheet HTML 5Page - NXP Semiconductors HEF4528B Datasheet HTML 6Page - NXP Semiconductors HEF4528B Datasheet HTML 7Page - NXP Semiconductors HEF4528B Datasheet HTML 8Page - NXP Semiconductors HEF4528B Datasheet HTML 9Page - NXP Semiconductors HEF4528B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HEF4528B_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 27 November 2009
6 of 16
NXP Semiconductors
HEF4528B
Dual monostable multivibrator
11. Dynamic characteristics
Table 7.
Dynamic characteristics
VSS = 0 V; Tamb = 25 °C; for waveforms see Figure 6; for test circuit see Figure 7; unless otherwise specified.
Symbol Parameter
Conditions
VDD
Extrapolation formula[1]
Min
Typ
Max
Unit
tPHL
HIGH to LOW
propagation delay
nA or nB to nQ;
see Figure 5
5 V
113 ns + (0.55 ns/pF) CL
-
140
280
ns
10 V
39 ns + (0.23 ns/pF) CL
-
50
100
ns
15 V
27 ns + (0.16 ns/pF) CL
-35
70
ns
nCD to nQ;
see Figure 5
5 V
78 ns + (0.55 ns/pF) CL
-
105
210
ns
10 V
29 ns + (0.23 ns/pF) CL
-40
85
ns
15 V
22 ns + (0.16 ns/pF) CL
-30
60
ns
tPLH
LOW to HIGH
propagation delay
nA or nB to nQ;
see Figure 5
5 V
128 ns + (0.55 ns/pF) CL
-
155
305
ns
10 V
49 ns + (0.23 ns/pF) CL
-
60
115
ns
15 V
32 ns + (0.16 ns/pF) CL
-40
80
ns
nCD to nQ;
see Figure 5
5 V
93 ns + (0.55 ns/pF) CL
-
120
240
ns
10 V
39 ns + (0.23 ns/pF) CL
-
50
105
ns
15 V
27 ns + (0.16 ns/pF) CL
-35
70
ns
tt
transition time
nQ, nQ;
see Figure 5
5 V
[2]
10 ns + (1.00 ns/pF) CL
-
60
120
ns
10 V
9 ns + (0.42 ns/pF) CL
-30
60
ns
15 V
6 ns + (0.28 ns/pF) CL
-20
40
ns
trec
recovery time
nCD to nA or nB;
see Figure 6
5 V
0
−75
-
ns
10 V
0
−30
-
ns
15 V
0
−25
-
ns
tsu
set-up time
nCD to nA or nB;
see Figure 6
5 V
0
−105
-
ns
10 V
0
−40
-
ns
15 V
0
−25
-
ns
tW
pulse width
nA LOW;
minimum width;
see Figure 6
5 V
50
25
-
ns
10 V
30
15
-
ns
15 V
20
10
-
ns
nB HIGH;
minimum width;
see Figure 6
5 V
50
25
-
ns
10 V
30
15
-
ns
15 V
20
10
-
ns
nCD LOW;
minimum width;
see Figure 6
5 V
60
30
-
ns
10 V
35
15
-
ns
15 V
25
10
-
ns
nQ or nQ;
REXT =5kΩ;
CEXT =15pF;
see Figure 6
5 V
[3]
-
235
-
ns
10 V
-
155
-
ns
15 V
-
140
-
ns
nQ or nQ;
REXT =10kΩ;
CEXT = 1 nF;
see Figure 6
5 V
[4]
-
5.45
-
µs
10 V
-
4.95
-
µs
15 V
-
4.85
-
µs


Similar Part No. - HEF4528B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B Datasheet
104Kb / 8P
   Dual monostable multivibrator
January 1995
logo
Nexperia B.V. All right...
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
logo
NXP Semiconductors
HEF4528BD PHILIPS-HEF4528BD Datasheet
104Kb / 8P
   Dual monostable multivibrator
January 1995
HEF4528BF PHILIPS-HEF4528BF Datasheet
104Kb / 8P
   Dual monostable multivibrator
January 1995
More results

Similar Description - HEF4528B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com