Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W30-48S12 Datasheet(PDF) 1 Page - Intronics Power, Inc.

Part # W30-48S12
Description  DC/DC MODULES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTRONICS [Intronics Power, Inc.]
Direct Link  http://www.intronics.com
Logo INTRONICS - Intronics Power, Inc.

W30-48S12 Datasheet(HTML) 1 Page - Intronics Power, Inc.

  W30-48S12 Datasheet HTML 1Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 2Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 3Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 4Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 5Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 6Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 7Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 8Page - Intronics Power, Inc. W30-48S12 Datasheet HTML 9Page - Intronics Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
W30 Series
DC/DC MODULES
The W30 Family of high efficiency DC/DC converters offer power levels of up to 30 Watts, exceeding that of other products with the same Industry-Standard Pinouts, while providing much smaller
footprints. With a wide input voltage range and single outputs, ranging from 1.5 to 15 Volts, these converters provide versatility without sacrificing the board space. All models feature an input filter
and microcontroller-based protection features. The open frame construction allows very efficient heat transfer with no hot spots. All converters combine creative design practices with highly derated
power devices to achieve superior efficiencies (up to 94%), reliability, high performance and low cost solution to systems designers.
Specifications & Features Summary
• No minimum load required
• On/Off pin control
• -40°C to +85°C ambient operation
• Output adjustment +/-10% range
• 1500V, 10M
Ω input-to-output isolation
• Output overcurrent protection
• Input Under voltage protection
• Input Over voltage protection
• Synchronous rectification topology
• MTBF of up to 1,000,000 hours @ 50°C (Bellcore)
• Over Voltage protection
• Over Temperature protection
• Please add suffix “A” or “B”, depending on Pinout
• Please add suffix “N” for Negative Logic
• Delivers up to 30W in 1” x 2” package with Industry-Standard Pinouts
• UL 60950 pending, TUV EN60950 and CSA C22.2 No. (Pending)
Applications
• Servers, Switches and Data Storage • Networking Gear
• Wireless Communications
• Data Communications
• Distributed Power Architecture
• Telecommunications
• Semiconductor Test Equipment
• Industrial / Medical
Model
Input
Voltage
Range
(Vin)
Iin No
Load
I in
Full
Load
(A)
Output
Voltag
e
(Vo)
Output
Curren
t (Io) A
Eff
(Typ)
%
Regulation
Line/Load
(%)
Ripple
/ Noise
(MV)
pk-pk
W30-12S1.5
9-18
0.030
2.0
1.5
10.0
83
±0.2 / ±0.2
15
W30-12S1.8
9-18
0.035
2.38
1.8
10.0
84
±0.3 / ±0.2
15
W30-12S2.5
9-18
0.040
3.26
2.5
10.0
85
±0.2 / ±0.2
15
W30-12S3.3
9-18
0.040
3.26
3.3
8.0
90
±0.2 / ±0.2
20
W30-12S5
9-18
0.050
3.66
5.0
6.0
91
±0.2 / ±0.2
20
W30-12S12
9-18
0.050
3.58
12.0
2.5
93
±0.2 / ±0.2
50
W30-12S15
9-18
0.050
3.54
15.0
2.0
94
±0.2 / ±0.2
50
U30-12S1.5
9-36
0.030
2.05
1.5
10.0
81
±0.2 / ±0.2
15
U30-12S1.8
9-36
0.035
2.44
1.8
10.0
82
±0.3 / ±0.2
15
U30-12S2.5
9-36
0.040
3.30
2.5
10.0
84
±0.2 / ±0.2
15
U30-12S3.3
9-36
0.040
3.35
3.3
8.0
88
±0.2 / ±0.2
20
U30-12S5
9-36
0.050
3.75
5.0
6.0
89
±0.2 / ±0.2
20
U30-12S12
9-36
0.050
3.70
12.0
2.5
90
±0.2 / ±0.2
50
U30-12S15
9-36
0.050
3.66
15.0
2.0
91
±0.2 / ±0.2
50
W30-24S1.5
18-36
0.025
1.00
1.5
10.0
83
±0.2 / ±0.2
15
W30-24S1.8
18-36
0.028
1.19
1.8
10.0
84
±0.3 / ±0.2
15
W30-24S2.5
18-36
0.032
1.63
2.5
10.0
85
±0.2 / ±0.2
15
W30-24S3.3
18-36
0.035
1.63
3.3
8.0
90
±0.2 / ±0.2
20
W30-24S5
18-36
0.040
1.83
5.0
6.0
91
±0.2 / ±0.2
20
W30-24S12
18-36
0.050
1.81
12.0
2.5
92
±0.2 / ±0.2
50
W30-24S15
18-36
0.050
1.79
15.0
2.0
93
±0.2 / ±0.2
50
W30-48S1.5
36 - 75
0.025
.490
1.5
10.0
85
±0.2 / ±0.2
15
W30-48S1.8
36 - 75
0.028
.581
1.8
10.0
86
±0.3 / ±0.2
15
W30-48S2.5
36 - 75
0.032
.789
2.5
10.0
88
±0.2 / ±0.2
15
W30-48S3.3
36 - 75
0.035
.808
3.3
8.0
91
±0.2 / ±0.2
20
W30-48S5
36 - 75
0.040
.905
5.0
6.0
92
±0.2 / ±0.2
20
W30-48S12
36 - 75
0.050
.896
12.0
6.0
93
±0.2 / ±0.2
50
W30-48S15
36 - 75
0.050
.886
15.0
6.0
94
±0.2 / ±0.2
50
FOR POTTED UNITS AND OTHER AVAILABLE VOLTAGES
AND FEATURES PLEASE CONSULT THE FACTORY
PARAMETER
NOTES
MIN
TYP
MAX
UNIT
Absolute maximum rating
Input voltage
0
75
V
Operating ambient temperature
(see thermal charts)
-40
85
°C
Storage temperature
-55
125
°C
Humidity
95
%
Input characteristics
Operating input voltage range
9-18V,9-36V,18-36V, 36-75V
xx
xx
xx
V
Turn on voltage threshold
17/35
V
Turn off voltage threshold
16/34
V
Transient withstand
Transient duration: 100ms
100
V
Maximum input current
100% load , 18Vin
1.830
A
Off converter input current
10
mA
Output characteristics
Output voltage setpoint accuracy
1.0
%Vo
Output voltage line regulation
Vin =9-18,9-36,18-36,36-75V
±0.2
%
Output voltage load regulation
0%-100%Load
±0.2
%
Output voltage trim range
±10
%
Output voltage ripple / noise
(See notes & charts)
20Mz bandwidth,
100% Load, 12/24/48 Vin
See pinout A notes on charts
35
mV
(pk-pk)
Output over power protection
110
120
140
%
Over-voltage protection
120
135
%Vo
Temperature coefficient
±0.02
%/°C
Capacitive Load
10000
μF
Output characteristics
Startup time
5% to 95% of the Vo
1
ms
Transient recovery time
50% load change
250
μs
Transient peak deviation
50% load change
4
%Vo
Isolation characteristics
Isolation (primary to secondary)
1minute
1500
VDC
Isolation resistance
1500VDC, Primary to secondary
10
M
Ω
Isolation capacitance
Primary to secondary
1000
pF
Feature Characteristics
Switching frequency
(<2.5V = 300) (>3.3V=400)
300
400
KHz
ON/OFF control (Positive logic)
Converter On
Converter Off
All Models
3.5
0.8
V
V
ON/OFF control (Negative logic)
Converter On
Converter Off
All Models
3.5
0.8
V
V
Over Temperature Protection
Maximum component level
130
°C
Calculated MTBF
Bellcore @ 50°C
> 1,000,000 hrs
Hrs
Intronics Power Inc. 1400 Providence Highway, Building 2, Norwood, MA 02062-5015 Phone: 1-781-551-5500 Fax: 1-781-551-5555 Rev. B
Basic Operations and Functions
W30 Family is a high efficiency, isolated DC/DC converter. Neither heat sink nor airflow is required
when the unit operates at ambient temperature of 25C. The unit has basic control, output
adjustment and protection functions.
Input (Pin 2, Pin 3)
Input power Vin(+) must be connected to Positive input pin 3; Input power Vin(-) must be
connected to Negative input pin2.
Output (Pin 4, Pin 5)
Output power Vout(+) must be connected to Positive output pin 4; Output power Vout(-) must be
connected to Negative output pin6.
ON/OFF (Pin 1)
Permits the user to maintain unit On/Off, in order to properly sequence different power supplies
and reduce power consumption during the standby condition. There are two ON/OFF control
options: positive logic (W30-SX) and negative logic (W30-SXN). Both are referenced to Vin-.
Pin 1 is the "Enable" pin, connecting a TTL compatible pin. A TTL control signal to this pin,
according to the specification, turns the unit on or off.
The positive logic unit turns on when the pin is at logic high or open, and turns off at logic low. The
negative logic unit turns on when the pin is at logic low, and turns off at logic high state. Typical
ON/OFF connection is shown in Fig 1.
Remote Sense
The unit does NOT have remote sense pins.
Output Trim (Pin 6)
Permits the user to adjust the output voltage
up or down to achieve the custom voltage or
to make the output voltage margining.
The unit’s output voltage can be adjusted up
10% or down 10% relative to the rated
output voltage by adding an external resistor
between pin 6 and one of the output pins
(pin 4 and 5).
To increase the output voltage, a trim
resistor should be connected between pin
6(Trim) and pin 5 (Vout-).
To decrease the output voltage, a trim
resistor should be connected between pin 6
(Trim) and pin 4 (Vout+).
Fig 1. Recommended ON/OFF circuit configuration
3
+
Vin
2 Vin-
1 ON/OFF
Vout+ 4
Vout- 5
Trim 6
+
Vin
-
+
Vout
-
ON/OFF


Similar Part No. - W30-48S12

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
W30-31E AMPHENOL-W30-31E Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31E-2-R AMPHENOL-W30-31E-2-R Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31E-2-S AMPHENOL-W30-31E-2-S Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31M-2-R AMPHENOL-W30-31M-2-R Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
W30-31M-2-S AMPHENOL-W30-31M-2-S Datasheet
70Kb / 4P
   General Eastern Liquid Differential Pressure Transmitters
More results

Similar Description - W30-48S12

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
W2530-12S5 INTRONICS-W2530-12S5 Datasheet
190Kb / 1P
   DC/DC MODULES
W15C-12S5 INTRONICS-W15C-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
S5-5S3.3 INTRONICS-S5-5S3.3 Datasheet
192Kb / 1P
   DC/DC MODULES
U6-12S5 INTRONICS-U6-12S5 Datasheet
154Kb / 1P
   DC/DC MODULES
W3-12S5 INTRONICS-W3-12S5 Datasheet
120Kb / 1P
   DC/DC MODULES
Q150-48S1.5 INTRONICS-Q150-48S1.5 Datasheet
239Kb / 1P
   DC/DC MODULES
U15-12S5 INTRONICS-U15-12S5 Datasheet
182Kb / 1P
   DC/DC MODULES
W7-12S5 INTRONICS-W7-12S5 Datasheet
184Kb / 1P
   DC/DC MODULES
S10-5S1.0 INTRONICS-S10-5S1.0 Datasheet
236Kb / 1P
   DC/DC MODULES
U3-12S5 INTRONICS-U3-12S5 Datasheet
119Kb / 1P
   DC/DC MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com