Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9306GD1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9306GD1
Description  Dual bidirectional I2C-bus and SMBus voltage-level translator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9306GD1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9306GD1 Datasheet HTML 2Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 3Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 4Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 5Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 6Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 7Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 8Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 9Page - NXP Semiconductors PCA9306GD1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
PCA9306_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 19 March 2010
6 of 26
NXP Semiconductors
PCA9306
Dual bidirectional I2C-bus and SMBus voltage-level translator
6.
Functional description
Refer to Figure 1 “Logic diagram of PCA9306 (positive logic)”.
6.1 Function table
[1]
EN is controlled by the Vbias(ref)(2) logic levels and should be at least 1 V higher than Vref(1) for best
translator operation.
7.
Limiting values
[1]
The input and input/output negative voltage ratings may be exceeded if the input and input/output clamp
current ratings are observed.
8.
Recommended operating conditions
[1]
Vref(1) ≤ Vbias(ref)(2) − 1 V for best results in level shifting applications.
Table 3.
Function selection (example)
H = HIGH level; L = LOW level.
Input EN[1]
Function
H
SCL1 = SCL2; SDA1 = SDA2
L
disconnect
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Over operating free-air temperature range.
Symbol
Parameter
Conditions
Min
Max
Unit
Vref(1)
reference voltage (1)
−0.5
+6
V
Vbias(ref)(2)
reference bias voltage (2)
−0.5
+6
V
VI
input voltage
−0.5[1]
+6
V
VI/O
voltage on an input/output pin
−0.5[1]
+6
V
Ich
channel current (DC)
-
128
mA
IIK
input clamping current
VI <0V
-
−50
mA
Tstg
storage temperature
−65
+150
°C
Table 5.
Operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VI/O
voltage on an input/output pin SCL1, SDA1,
SCL2, SDA2
05V
Vref(1)[1]
reference voltage (1)
VREF1
0
5
V
Vbias(ref)(2)[1] reference bias voltage (2)
VREF2
0
5
V
VI(EN)
input voltage on pin EN
0
5
V
Isw(pass)
pass switch current
-
64
mA
Tamb
ambient temperature
operating in free-air
−40
+85
°C


Similar Part No. - PCA9306GD1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306GD1 NXP-PCA9306GD1 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
More results

Similar Description - PCA9306GD1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306 TI-PCA9306 Datasheet
205Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
PCA9306DQER TI1-PCA9306DQER Datasheet
1Mb / 22P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212_15 Datasheet
285Kb / 11P
   Dual Bidirectional I2C-Bus and SMBus Voltage-Level Translator
logo
ON Semiconductor
NLA9306 ONSEMI-NLA9306 Datasheet
235Kb / 12P
   Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2019 ??Rev. 1
logo
NXP Semiconductors
PCA9306 NXP-PCA9306_V01 Datasheet
580Kb / 37P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.2 - 25 October 2022
PCA9306_1011 NXP-PCA9306_1011 Datasheet
504Kb / 26P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 6-25 November 2010
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
PCA9306 NXP-PCA9306_V02 Datasheet
619Kb / 38P
   Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 9.3 - 14 November 2022
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
   Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com