Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M1200 Datasheet(PDF) 1 Page - GSI Group, Inc.

Part # M1200
Description  Mercury TM1200 PCB-Mount Analog Encoders For Customer Interpolation- Resolution to 0.078關m
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1200 Datasheet(HTML) 1 Page - GSI Group, Inc.

  M1200 Datasheet HTML 1Page - GSI Group, Inc. M1200 Datasheet HTML 2Page - GSI Group, Inc. M1200 Datasheet HTML 3Page - GSI Group, Inc. M1200 Datasheet HTML 4Page - GSI Group, Inc. M1200 Datasheet HTML 5Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optional features
• Glass scale length or diameter:
Linear lengths from 5mm to 2m
Rotary diameters from 12mm to 108mm
Sensor the
size of a
Dime
Resolution
Determined by Customer
Electronics
Linear: 20μm to 0.078μm
Rotary: 2,500 to 4.2M CPR
Accuracy
Linear: ± 1μm available
± 3μm to ± 5μm standard
Rotary: Up to ± 2.1 arc-sec
Output
Analog Sine/Cosine and
Index Window
System Resolution
Mercury
TM 1200 PCB-Mount Analog Encoders
For Customer Interpolation- Resolution to 0.078μm
Reflective Linear and Rotary Encoders
Imagine what you can do with this!
OEMs can now use encoders for closed loop control where
it was previously not possible or cost effective. Using your
interpolation electronics, engineers can achieve dramatic
improvements in system speed, throughput, and reliability,
while reducing cost, size and weight. The Mercury 1200 series
kit encoders make it all possible. The analog output sensors
can mount directly on your printed circuit board within an EMI
shielded module. The low Z height of the sensor, only 5.6mm,
opens up exciting design possibilities.
OEMs that want to incorporate our interpolation electronics
can contact MicroE for chip set or daughterboard solutions.
The Mercury 1200 encoder is an analog output system. Designed for PC board mounting, it is available with linear or rotary scales.
Mercury’s space-saving, integrated configuration gives OEM system designers a breakthrough in performance.
Standard Features
• Small PCB mount sensor
• Sensor is 5.6mm (H) x 11.9mm (W) x 14.9mm (L) and weighs 1.2g
• Fundamental resolution: Linear 20µm; Rotary 2,500 - 16,384 CPR
Interpolated linear resolution up to 0.078µm;
Rotary resolution 2,500 CPR to 4.2M CPR
• Analog output: sine/cosine and Index window
• Bi-directional Index window signal
• Index mark at the center or end of the glass scale (linear)
Table of Contents
System & Sensor pg . 2
Scales pg . 4 - 5
O
rdering Information pg. 5


Similar Part No. - M1200

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
M1200 KNIGHTSBRIDGE-M1200 Datasheet
245Kb / 1P
   Metal Clad 10AX Intermediate Switch
11/04/2024
logo
List of Unclassifed Man...
M12007 ETC1-M12007 Datasheet
784Kb / 44P
   THERMOPILE TYPE INFRARED SENSOR
logo
MOSDESIGN SEMICONDUCTOR...
M1200A MOSDESIGN-M1200A Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
M1200A-1 MOSDESIGN-M1200A-1 Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
M1200A-2 MOSDESIGN-M1200A-2 Datasheet
145Kb / 2P
   ON/OFF ONE SHOT
2012-01-03
More results

Similar Description - M1200

ManufacturerPart #DatasheetDescription
logo
GSI Group, Inc.
M1000 MICROESYS-M1000 Datasheet
609Kb / 6P
   Mercury TM1000 Analog Output Encoder Systems For Customer Interpolation- Resolution to 0.078關m
M1500P MICROESYS-M1500P Datasheet
248Kb / 6P
   Mercury TM1500P PCB-Mount Digital Encoders Factory Set Resolution to 0.50關m
M2000 MICROESYS-M2000 Datasheet
596Kb / 10P
   Mercury TM2000 Smart Encoder Systems Programmable Interpolation in Integer Steps to 0.078關m
M1500 MICROESYS-M1500 Datasheet
416Kb / 9P
   Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
logo
Texas Instruments
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
[Old version datasheet]   High-Resolution, Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
[Old version datasheet]   HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
   HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
[Old version datasheet]   High-Resolution Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com