Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTUA32864 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SSTUA32864
Description  1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSTUA32864 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SSTUA32864_07 Datasheet HTML 4Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 5Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 6Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 7Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 8Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 9Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 10Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 11Page - NXP Semiconductors SSTUA32864_07 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SSTUA32864_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 9 March 2007
8 of 20
NXP Semiconductors
SSTUA32864
1.8 V configurable registered buffer for DDR2-667 RDIMM applications
8.
Limiting values
[1]
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
This value is limited to 2.5 V maximum.
9.
Recommended operating conditions
[1]
The RESET and Cn inputs of the device must be held at valid logic levels (not floating) to ensure proper device operation.
[2]
The differential inputs must not be floating, unless RESET is LOW.
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+2.5
V
VI
input voltage
receiver
−0.5[1]
+2.5[2]
V
VO
output voltage
driver
−0.5[1]
VDD + 0.5[2]
V
IIK
input clamping current
VI < 0 V or VI >VDD
-
±50
mA
IOK
output clamping current
VO < 0 V or VO >VDD
-
±50
mA
IO
output current
continuous; 0 V < VO <VDD
-
±50
mA
ICCC
continuous current through
each VDD or GND pin
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Vesd
electrostatic discharge
voltage
Human Body Model (HBM); 1.5 k
Ω; 100 pF
2
-
kV
Machine Model (MM); 0
Ω; 200 pF
200
-
V
Table 5.
Operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
1.7
-
2.0
V
Vref
reference voltage
0.49
× VDD
0.50
× VDD 0.51 × VDD
V
VT
termination voltage
Vref − 0.040
Vref
Vref + 0.040
V
VI
input voltage
0
-
VDD
V
VIH(AC)
AC HIGH-level input voltage
data inputs (Dn), CSR
Vref + 0.250
-
-
V
VIL(AC)
AC LOW-level input voltage
data inputs (Dn), CSR
-
-
Vref − 0.250
V
VIH(DC)
DC HIGH-level input voltage
data inputs (Dn), CSR
Vref + 0.125
-
-
V
VIL(DC)
DC LOW-level input voltage
data inputs (Dn), CSR
-
-
Vref − 0.125
V
VIH
HIGH-level input voltage
RESET, Cn
[1] 0.65
× VDD
-VDD
V
VIL
LOW-level input voltage
RESET, Cn
[1] -
-
0.35
× VDD
V
VICR
common mode input voltage
range
CK, CK
[2] 0.675
-
1.125
V
VID
differential input voltage
CK, CK
[2] 600
-
-
mV
IOH
HIGH-level output current
-
-
−8mA
IOL
LOW-level output current
-
-
8
mA
Tamb
ambient temperature
operating in free air
0
-
+70
°C


Similar Part No. - SSTUA32864_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUA32864EC PHILIPS-SSTUA32864EC Datasheet
112Kb / 19P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 01-12 May 2005
SSTUA32864EG PHILIPS-SSTUA32864EG Datasheet
112Kb / 19P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 01-12 May 2005
More results

Similar Description - SSTUA32864_07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUA32864 PHILIPS-SSTUA32864 Datasheet
112Kb / 19P
   1.8 V configurable registered buffer for DDR2-667 RDIMM applications
Rev. 01-12 May 2005
SSTU32864 PHILIPS-SSTU32864 Datasheet
127Kb / 21P
   1.8 V configurable registered buffer for DDR2 RDIMM applications
Rev. 02-22 October 2004
SSTUB32864 NXP-SSTUB32864 Datasheet
121Kb / 19P
   1.8 V configurable registered buffer for DDR2-800 RDIMM applications
Rev. 02-26 March 2007
SSTUH32864 PHILIPS-SSTUH32864 Datasheet
119Kb / 20P
   1.8 V high output drive configurable registered buffer for DDR2 RDIMM applications
Rev. 01-22 April 2005
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
SSTUA32866 NXP-SSTUA32866 Datasheet
161Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-26 March 2007
SSTUA32866 PHILIPS-SSTUA32866 Datasheet
143Kb / 27P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
Rev. 01-15 July 2005
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com