Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA250U0R1W Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ECEA250U0R1W
Description  Aluminium Electrolytic Capacitors/SU
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA250U0R1W Datasheet(HTML) 6 Page - Panasonic Semiconductor

  ECEA250U0R1W Datasheet HTML 1Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 2Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 3Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 4Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 5Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 6Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 7Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 8Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
Aluminum Electrolytic Capacitor
– EE19 –
(5)Clearance for Case Mounted Pressure
Relief Vents
Capacitors with case mounted pressure relief vents
require sufficient clearance to allow for proper vent
operation. The minimum clearances are dependent
on capacitor diameters as follows.
f6.3 to f16 mm : 2 mm minimum,
f18 to f35 mm : 3 mm minimum.
f40 mm or greater: 5 mm minimum
(6)Clearance for Seal Mounted Pressure
Relief Vents
A hole in the circuit board directly under the seal
vent location is required to allow proper release
of pressure.
(7)Wiring Near the Pressure Relief Vent
Avoid locating high voltage or high current wiring
or circuit board paths above the pressure relief
vent. Flammable, high temperature gas exceeding
100
°C may be released which could dissolve the
wire insulation and ignite.
(8)Circuit Board Patterns Under the Capacitor
Avoid circuit board runs under the capacitor as
electrolyte leakage could cause an electrical short.
(9)Screw Terminal Capacitor Mounting
q
Do not orient the capacitor with the screw terminal
side of the capacitor facing downwards.
q
Tighten the terminal and mounting bracket screws
within the torque range specified in the
specification.
1.6Electrical Isolation of the Capacitor
Completely isolate the capacitor as follows.
q Between the cathode and the case (except for
axially leaded B types) and between the anode
terminal and other circuit paths.
q Between the extra mounting terminals (on T types)
and the anode terminal, cathode terminal, and
other circuit paths.
1.7 Capacitor Sleeve
The vinyl sleeve or laminate coating is intended for
marking and identification purposes and is not meant
to electrically insulate the capacitor.
The sleeving may split or crack if immersed into
solvents such as toluene or xylene, and then exposed
to high temperatures.
Always consider safety when designing equipment
and circuits. Plan for worst case failure modes such
as short circuits and open circuits which could occur
during use.
(1)Provide protection circuits and protection devices
to allow safe failure modes.
(2)Design redundant or secondary circuits where
possible to assure continued operation in case of
main circuit failure.
2. Capacitor Handling Techniques
2.1 Considerations Before Using
(1) Capacitors have a finite life. Do not reuse or
recycle capacitors from used equipment.
(2) Transient recovery voltage may be generated in
the capacitor due to dielectric absorption. If
required, this voltage can be discharged with a
resistor with a value of about 1 k
Ω.
(3) Capacitors stored for long periods of time may
exhibit an increase in leakage current. This can
be corrected by gradually applying rated voltage
in series with a resistor of approximately 1 k
Ω.
(4) If capacitors are dropped, they can be damaged
mechanically or electrically. Avoid using dropped
capacitors.
(5) Dented or crushed capacitors should not be
used. The seal integrity can be compromised
and loss of electrolyte/shortened life can result.
2.2 Capacitor Insertion
(1) Verify the correct capacitance and rated voltage
of the capacitor.
(2) Verify the correct polarity of the capacitor before
inserting.
(3) Verify the correct hole spacing before insertion
(land pattern size on chip type) to avoid stress
on the terminals.
(4) Ensure that the auto insertion equipment lead
clinching operation does not stress the capacitor
leads where they enter the seal of the capacitor.
For chip type capacitors, excessive mounting
pressure can cause high leakage current, short
circuit, or disconnection.
2.3 Manual Soldering
(1) Observe temperature and time soldering
specifications or do not exceed temperatures of
350
°C for 3 seconds or less.
(2) If lead wires must be formed to meet terminal
board hole spacing, avoid stress on the leadwire
where it enters the capacitor seal.
(3) If a soldered capacitor must be removed and
reinserted, avoid excessive stress to the capacitor
leads.
(4) Aviod touching the tip of the soldering iron to the
capacitor, to prevent melting of the vinyl sleeve.
Mar. 2005


Similar Part No. - ECEA250U0R1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
121Kb / 2P
   Radial Lead Type
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
More results

Similar Description - ECEA250U0R1W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA_11 Datasheet
245Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA Datasheet
150Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com