Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEA250U0R1W Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECEA250U0R1W
Description  Aluminium Electrolytic Capacitors/SU
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA250U0R1W Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECEA250U0R1W Datasheet HTML 1Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 2Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 3Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 4Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 5Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 6Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 7Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 8Page - Panasonic Semiconductor ECEA250U0R1W Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Ñ EE1 Ñ
Aluminium Electrolytic Capacitors/SU
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
( Radial Lead Type)
Series:
SU
Type:
A
s Features Life time:85
°C 2000h
Operating Temp. Range
Rated W.V. Range
Nominal Cap. Range
Capacitance Tolerance
Characteristics at
Low Temperature
Shelf Line
DC Leakage Current
( Whichever is the greater )
Add 0.02 per 1000 µF for products of 1000 µF or more. (120 Hz/+20
°C )
1.Add 0.5 per 1000 µF for products of 1000 µF or more.
2.Add 1.0 per 1000 µF for products of 1000 µF or more.
After applying rated working voltage for 2000 hours at +85
°C and then being stabilized at +20°C,
capacitor shall meet the following limits.
After storage for 1000 hours at +85
°C with no voltage applied and then being
stabilized at +20
°C, capacitor shall meet the limits specified in -Endurance-.
sSpecifications
tan
δ
Endurance
(Impedance ratio at 120Hz)
Capacitance change
tan
δ
DC leakage current
±20% of initial measured value
<150% of initial specified value
< lnitial specified value
I
<0.03 CV or 4 ( µA) after 1 minutes
I
<0.01 CV or 3 ( µA) after 2 minutes
-40 to +85
°C
6.3 to 100V.DC
0.1 to 15000 µF
-25 to +85
°C
160 to 450V.DC
0.47 to 220 µF
20% (120Hz/+20
°C)
I
<0.06 CV + 10 ( µA) after 2 minutes
W.V. (V)
tan
δ
0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 0.16 0.18 0.18 0.20 0.20 0.20
6.3
10
16
25
35
50
63 100 160
200 250 350 400 450
W.V. (V)
Z(-25
°C)/Z(+20°C)
Z(-40
°C)/Z(+20°C)
6.3
10
16
25
35
50
63
100 160 200 250 350 400 450
4
3
2
2
2
2
2
2
2
2
3
5
15
15
8
6
4
4
3
3
3
3
-
-
-
-
-
-
U
E
C
E
A
s Dimensions in mm (not to scale)
L
L
<16:L+1.0 max
φd±0.05
14 min
3min
φD+0.5 max.
φ10<
φ8>
L
>20:L+2.0 max
Body Dia.
φD
Lead Dia.
φd
Lead space P
0.5
0.5
0.6
0.6
0.6
0.8
0.8
2
2.5
3.5
5
5
7.5
7.5
5
6.3
8
10
12.5
16
18
s Explanation of Part Number
P.V.C. Sleeve
Common code
Shape
W.V. code
Series
Capacitance code
Suffix
(
>6.3mmdia)
Vent
φD+0.5 max.
Discontinued
Mar. 2005


Similar Part No. - ECEA250U0R1W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
121Kb / 2P
   Radial Lead Type
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
72Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
ECEA0GKA101 PANASONIC-ECEA0GKA101 Datasheet
59Kb / 2P
   Aluminum Electrolytic Capacitors/ KA
More results

Similar Description - ECEA250U0R1W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EXV KEMET-EXV Datasheet
88Kb / 1P
   EXV Aluminium Electrolytic Capacitors
logo
Panasonic Semiconductor
ECE-A1HN010UB PANASONIC-ECE-A1HN010UB Datasheet
74Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA_11 Datasheet
245Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
DJ310016TA DUBILIER-DJ310016TA Datasheet
152Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC HIGH TEMP. DJ3
logo
NXP Semiconductors
165RHT PHILIPS-165RHT Datasheet
54Kb / 10P
   Aluminium electrolytic capacitors Radial High Temperature
1998 Jan 29
logo
Dubilier
DJ4X10016TA DUBILIER-DJ4X10016TA Datasheet
150Kb / 3P
   CAPACITORS ALUMINIUM ELECTROLYTIC LOW IMPEDANCE DJ4X
logo
DB Lectro Inc
HR1A100KC DBLECTRO-HR1A100KC Datasheet
246Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
ZS1A100KC DBLECTRO-ZS1A100KC Datasheet
203Kb / 2P
   ALUMINIUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com