Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTUG32865 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SSTUG32865
Description  1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-1G RDIMM applications
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSTUG32865 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SSTUG32865 Datasheet HTML 2Page - NXP Semiconductors SSTUG32865 Datasheet HTML 3Page - NXP Semiconductors SSTUG32865 Datasheet HTML 4Page - NXP Semiconductors SSTUG32865 Datasheet HTML 5Page - NXP Semiconductors SSTUG32865 Datasheet HTML 6Page - NXP Semiconductors SSTUG32865 Datasheet HTML 7Page - NXP Semiconductors SSTUG32865 Datasheet HTML 8Page - NXP Semiconductors SSTUG32865 Datasheet HTML 9Page - NXP Semiconductors SSTUG32865 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SSTUG32865_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 16 August 2007
6 of 28
NXP Semiconductors
SSTUG32865
1.8 V DDR2-1G registered buffer with parity
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Type
Description
Ungated inputs
DCKE0, DCKE1
U1, U2
SSTL_18
DRAM function pins not associated with Chip Select.
DODT0, DODT1
T2, T1
Chip Select gated inputs
D0 to D21
M1, B1, B2, C1, C2, D2, D1,
E1, E2, F2, M2, F1, G2, R1,
L2, H2, N2, N1, G1, P1, R2,
P2
SSTL_18
DRAM inputs, re-driven only when Chip Select is LOW.
Chip Select inputs
DCS0, DCS1,
DCS2, DCS3[1]
J2, K2, H4, K4
SSTL_18
DRAM Chip Select signals. These pins initiate DRAM
address/command decodes, and as such at least one will
be LOW when a valid address/command is present. The
register can be programmed to re-drive all D-inputs only
(CSGATEEN = HIGH) when at least one Chip Select
input is LOW. DCS2 and DCS3 are not re-driven and can
be left open-circuit to default HIGH by means of its
internal pull-up resistors.
Re-driven outputs
Q0A to Q21A
V11, F12, G12, V6, V9, H12,
L12, V8, V12, N12, M12,
P12, V7, V10, T12, R12,
E12, A12, A10, A9, D12, A8
SSTL_18
Outputs of the register, valid after the specified clock
count and immediately following a rising edge of the
clock.
Q0B to Q21B
U11, F11, G11, U6, U9,
H11, L11, U8, U12, N11,
M11, P11, U7, U10, T11,
R11, E11, A11, B10, B9,
D11, B8
QCS0A, QDS1A,
QCS0B, QCS1B
J12, K12, J11, K11
QCKE0A, QCKE1A,
QCKE0B, QCKE1B
A7, A6, B7, B6
QODT0A, QODT1A,
QODT0B, QODT1B
B12, C12, B11, C11
Parity input
PARIN
A3
SSTL_18
Parity input for the D0 to D21 inputs. Arrives one clock
cycle after the corresponding data input.
Parity error
PTYERR
U4
open-drain
When LOW, this output indicates that a parity error was
identified associated with the address and/or command
inputs. PTYERR will be active for two clock cycles, and
delayed by an additional clock cycle for compatibility with
final parity out timing on the industry-standard DDR2
register with parity (in JEDEC definition).


Similar Part No. - SSTUG32865

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUG32866 NXP-SSTUG32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
SSTUG32866EC/G NXP-SSTUG32866EC/G Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
SSTUG32866EC/S NXP-SSTUG32866EC/S Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer
Rev. 01-29 June 2007
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
SSTUG32868ET NXP-SSTUG32868ET Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
More results

Similar Description - SSTUG32865

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SSTUG32868 NXP-SSTUG32868 Datasheet
174Kb / 29P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-23 April 2007
SSTU32865 PHILIPS-SSTU32865 Datasheet
157Kb / 29P
   1.8 V 28-bit 1:2 registered buffer with parity for DDR2 RDIMM
Rev. 02-28 September 2004
SSTUA32S865 NXP-SSTUA32S865 Datasheet
160Kb / 29P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-667 RDIMM applications
Rev. 02-16 March 2007
SSTUB32865 NXP-SSTUB32865 Datasheet
163Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 03-27 March 2007
SSTUM32865 NXP-SSTUM32865 Datasheet
152Kb / 28P
   1.8 V 28-bit 1 : 2 registered buffer with parity for DDR2-800 RDIMM applications
Rev. 01-19 September 2007
SSTUM32868 NXP-SSTUM32868 Datasheet
177Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 02-2 March 2007
SSTUB32868 NXP-SSTUB32868 Datasheet
264Kb / 30P
   1.8 V 28-bit 1 : 2 configurable registered buffer with parity for DDR2-800 RDIMM applications
Rev. 04-22 April 2010
SSTUH32865 PHILIPS-SSTUH32865 Datasheet
154Kb / 28P
   1.8 V 28-bit high output drive 1:2 registered buffer with parity for DDR2 RDIMM applications
Rev. 01-11 March 2005
SSTUM32866 NXP-SSTUM32866 Datasheet
158Kb / 28P
   1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
Rev. 01-29 June 2007
SSTU32866 PHILIPS-SSTU32866 Datasheet
166Kb / 29P
   1.8 V 25-bit 1:1 or 14-bit 1:2 configurable registered buffer with parity for DDR2 RDIMM applications
Rev. 02-11 November 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com