Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8168IAPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8168IAPW
Description  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8168IAPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8168IAPW Datasheet HTML 7Page - Texas Instruments DAC8168IAPW Datasheet HTML 8Page - Texas Instruments DAC8168IAPW Datasheet HTML 9Page - Texas Instruments DAC8168IAPW Datasheet HTML 10Page - Texas Instruments DAC8168IAPW Datasheet HTML 11Page - Texas Instruments DAC8168IAPW Datasheet HTML 12Page - Texas Instruments DAC8168IAPW Datasheet HTML 13Page - Texas Instruments DAC8168IAPW Datasheet HTML 14Page - Texas Instruments DAC8168IAPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelF
AV
=5.5V,Ext.Ref.=5.0V
DD
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelG
AV
=5.5V,Ext.Ref.=5.0V
DD
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelB
AV
=5.5V,Ext.Ref.=5.0V
DD
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelC
AV
=5.5V,Ext.Ref.=5.0V
DD
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelF
AV
=5.5V,Ext.Ref.=5.0V
DD
6
4
2
0
-2
-4
-6
0
8192
16384 24576 32768
DigitalInputCode
40960 49152
57344 65536
1.0
0.5
0
-0.5
-1.0
ChannelG
AV
=5.5V,Ext.Ref.=5.0V
DD
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5V (continued)
Channel-specific information provided as examples. At TA = +25°C, external reference used, DAC output not loaded, and all
DAC codes in straight binary data format, unless otherwise noted.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (+25°C)
vs DIGITAL INPUT CODE (+25°C)
Figure 20.
Figure 21.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (+125°C)
vs DIGITAL INPUT CODE (+125°C)
Figure 22.
Figure 23.
LINEARITY ERROR AND
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR
DIFFERENTIAL LINEARITY ERROR
vs DIGITAL INPUT CODE (+125°C)
vs DIGITAL INPUT CODE (+125°C)
Figure 24.
Figure 25.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DAC7568 DAC8168 DAC8568


Similar Part No. - DAC8168IAPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8168IAPW TI-DAC8168IAPW Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8168IAPW TI-DAC8168IAPW Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8168IAPWR TI-DAC8168IAPWR Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8168IAPWR TI-DAC8168IAPWR Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results

Similar Description - DAC8168IAPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_10 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com