Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41896C3108M001 Datasheet(PDF) 3 Page - EPCOS

Part # B41896C3108M001
Description  Single-ended capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41896C3108M001 Datasheet(HTML) 3 Page - EPCOS

  B41896C3108M001 Datasheet HTML 1Page - EPCOS B41896C3108M001 Datasheet HTML 2Page - EPCOS B41896C3108M001 Datasheet HTML 3Page - EPCOS B41896C3108M001 Datasheet HTML 4Page - EPCOS B41896C3108M001 Datasheet HTML 5Page - EPCOS B41896C3108M001 Datasheet HTML 6Page - EPCOS B41896C3108M001 Datasheet HTML 7Page - EPCOS B41896C3108M001 Datasheet HTML 8Page - EPCOS B41896C3108M001 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Specifications and characteristics in brief
Rated voltage VR
10 ... 50 V DC
Surge voltage VS
1.15
VR
Rated capacitance CR
180 ... 10000 µF
Capacitance tolerance
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
10
16 ... 25
35
50
63
tan
δ (max.)
0.20
0.17
0.12
0.10
0.15
Leakage current Ileak
(20
°C, 5 min)
or 3 µA, whichever is greater
Self-inductance ESL
Diameter (mm)
≤ 12.5
16
18
ESL (nH)
20
26
34
Useful life
125
°C; V
R; IAC,R
> 3500 h for d = 10 mm
> 7000 h for d
≥ 12.5 mm
135
°C; V
R; 0.75
IAC,R
> 1000 h for d = 10 mm
> 3000 h for d
≥ 12.5 mm
Requirements
∆C/C
≤ ±35% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
125
°C, V
R
3500 h for d = 10 mm
7000 h for d
≥ 12.5 mm
Post test requirements
∆C/C
≤ ±30% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test To IEC 60068-2-6, test Fc:
Displacement amplitude 1.5 mm, frequency range 10 … 2000 Hz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1: 55/125/56 ( 55
°C/+125 °C/56 days damp heat test)
Sectional specification
AEC-Q200, IEC 60384-4
B41896
Up to 135
°C
Page 3 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41896C3108M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896C3108M001 EPCOS-B41896C3108M001 Datasheet
794Kb / 32P
   Long-life grade capacitors
More results

Similar Description - B41896C3108M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com