Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECEV35GR33R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECEV35GR33R
Description  Aluminum Electrolytic Capacitor/V-G
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEV35GR33R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECEV35GR33R Datasheet HTML 1Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 2Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 3Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 4Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 5Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 6Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 7Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 8Page - Panasonic Semiconductor ECEV35GR33R Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Aluminum Electrolytic Capacitor
Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/ or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail.
– EE16 –
Application Guidelines
1. Circuit Design
Ensure that operational and mounting conditions
follw the specified conditions detailed in the catalog
and specification sheets.
1.1 Operating Temperature and Frequency
Electrolytic capacitor electr ical par ameters are
nor mally specified at 20
°C temperature and 120Hz
frequency. These parameter s var y with changes in
temper ature and fr equency. Circuit designers
should take these changes into consideration.
(1) Effects of oper ating temper ature on electr ical
parameters
a)At higher temper atures, leakage current and
capacitance increase while equivalent series
resistance(ESR) decreases.
b)A t l o w er temperatures , leakage current and
capacitance decrease while equivalent series
resistance(ESR) increases.
(2) Effects of frequency on electr ical par ameters
a)At higher frequencies , capacitance and
impedance decrease while tan
δ increases.
b)At lower frequencies, r ipple current generated
heat will r ise due to an increase in equivalent
ser ies resistance (ESR).
1.2 Operating Temperature and Life Expectancy
(1) Expected life is affected by operating temperature.
Generally, each 10
°C reduction in temperature
will double the expected life. Use capacitors at
the lo w est possib le tem p e r ature belo w the
maximum guaranteed temperature.
(2) If oper ating conditions e xceed the maxim u m
guaranteed limit, rapid eIectr ical par ameter
deterioration will occur, and irreversible damage
will result.
Check for maximum capacitor operating tempera-
tures including ambient temperature, inter nal
capacitor temperature rise caused by ripple current,
and the eff ects of radiated heat from po wer
transistors, IC?s or resistors.
Avoid placing components which could conduct
heat to the capacitor from the back side of the circuit
board.
(3)The for mula for calculating expected Iife at lower
operating temperatures is as fllows;
L2 = L1 x 2
where,
L1: Guaranteed life (h) at temperature, T1
° C
L2: Expected life (h) at temperature,T2
°C
T1: Maximum operating temperature (
°C)
T2: Actual operating temperature, ambient
temperature + temperature rise due to
ripple currentheating(
°C)
A quick eference capacitor guide for estimating
exected life is included for your reference.
2000
5000
10,000
20,000
50,000 100,000 200,000
120
110
100
90
80
70
60
50
40
8h/d
1
2
3
4
5
7
20
3
6
10
15
20
30
s Expected Life Estimate Quick Reference Guide
s Failure rate curve
1. 85
°C2000h
2.105
°C1000h
3.105
°C2000h
4.105
°C5000h
1
2
3
4
(h)
Years
Years
24h
operat-
ion
Time
Initial failure period
Life Time
Random failure period
Wear failure period
T1
-T2
10
Mar. 2005


Similar Part No. - ECEV35GR33R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEV0GA101SR PANASONIC-ECEV0GA101SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA221SP PANASONIC-ECEV0GA221SP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA330SR PANASONIC-ECEV0GA330SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA331WP PANASONIC-ECEV0GA331WP Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
ECEV0GA470SR PANASONIC-ECEV0GA470SR Datasheet
271Kb / 11P
   SMT Aluminum Electrolytic Capacitors
More results

Similar Description - ECEV35GR33R

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D0-CD297 SUNTAN-TS13D0-CD297 Datasheet
408Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DH-CD264 SUNTAN-TS13DH-CD264 Datasheet
915Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13D3-CD60 SUNTAN-TS13D3-CD60 Datasheet
433Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DD-CD71C SUNTAN-TS13DD-CD71C Datasheet
120Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DF-CD71 SUNTAN-TS13DF-CD71 Datasheet
300Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DG-CD263 SUNTAN-TS13DG-CD263 Datasheet
354Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com