Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKTBC221KB Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECKTBC221KB
Description  Ceramic Capacitors (Safety Regulation SMD)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKTBC221KB Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECKTBC221KB Datasheet HTML 1Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 2Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 3Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 4Page - Panasonic Semiconductor ECKTBC221KB Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Ceramic Capacitors (Safety Regulation SMD)
0.8
0.7
0.6
0.4
0.2
0
250
500
750
1000
1250
1500
4700 pF
2200 pF
1000 pF
0.5
0.3
0.1
100 pF
220 pF
470 pF
Voltage (Vrms)
0.8
0.6
0.4
0.2
0.7
0.5
0.3
0.1
0
0
250
500
750
1000
1250
1500
220 pF
2200 pF(F)
1000
pF(E
)
470 pF
100 pF
Voltage (Vrms)
100
10
1
0.1
110
100
1000
Frequency (MHz)
470 pF
220 pF
100 pF
2200 pF
4700 pF
1000 pF
100
10
1
0.1
110
100
1000
Frequency (MHz)
470 pF
220 pF
100 pF
2200 pF
1000 pF
PWER
DATA
DAA
DAA
Tip & Ring
Coupling and Insulation
Noise suppression
Noise suppression
Noise suppression
Application Examples
● MODEM
Typical Characteristics
● Impedance vs. Frequency Characteristics
● Current vs. Voltage (Leakage Current Characteristics)
Type BC
Type FC
Type BC
Type FC
● Primary circuit of Switching Power Supply
Dec. 2007


Similar Part No. - ECKTBC221KB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
244Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
787Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
ECKTBC221KB PANASONIC-ECKTBC221KB Datasheet
248Kb / 5P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
More results

Similar Description - ECKTBC221KB

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
1442116 MURATA-1442116 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1B3KX101KA4BL01 MURATA-DE1B3KX101KA4BL01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KH102MN3A MURATA-DE2E3KH102MN3A Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
Panasonic Semiconductor
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
294931 MURATA-294931 Datasheet
181Kb / 10P
   Safety Standard Recognized Ceramic Capacitors
logo
Panasonic Semiconductor
ECK-ATS103MF PANASONIC-ECK-ATS103MF Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com