Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECCT3G100DG2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECCT3G100DG2
Description  High Voltage Ceramic Capacitors (SMD)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECCT3G100DG2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECCT3G100DG2 Datasheet HTML 1Page - Panasonic Semiconductor ECCT3G100DG2 Datasheet HTML 2Page - Panasonic Semiconductor ECCT3G100DG2 Datasheet HTML 3Page - Panasonic Semiconductor ECCT3G100DG2 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
High Voltage Ceramic Capacitors (SMD)
E
C
D
r
A
Wt
Chip component
Tape running
direction
(W=12 mm)
Feeding hole
Chip pocket
t2
t1
P2 P0
P1
φD0
A
Chip component
Tape running
direction
Feeding hole
Chip pocket
t2
t1
P2 P0
P1
φD0
A
Specifications
Characteristics
Operating Temperature Range
Char. SL/GP
Char. B/Y5P
–25 to 105 °C
Rated Voltage2 to 3 kVDC
4 to 5 kVDC
5 kVDC
1 to 2 kVDC
Dielectric
Withstanding Voltage
200 % of Rated Voltage
for 1 to 5 seconds
150 % of Rated Voltage
for 1 to 5 seconds
120 % of Rated Voltage
for 1 to 5 seconds
200 % of Rated Voltage
for 1 to 5 seconds
Capacitance
Within the specified tolerance, when measured
at 1 MHz±20 %, 1 to 5 Vrms. and 20 °C
Within the specified tolerance, when measured
at 1 kHz±20 %, 1 to 5 Vrms. and 20 °C
Q or Dissipation Factor
(tan
δ)
30 pF or under Q
> 400+20 C (C:Cap.pF)
over 30 pF
Q
> 1000
at 1 MHz±20 %,1 to 5 Vrms. and 20 °C
tan
δ < 0.025
at 1 kHz±20 %,1 to 5 Vrms. and 20 °C
Insulation Resistance
10000 M
min. at 500 VDC and 1 minute electrification
Temperature
Characteristics
Temperature Coefficient:
+350 to –1000 ppm/ °C
(Temperature Range : 20 to 85 °C)
Max. Cap. Change:±10 %
(Temperature Range : –25 to 85 °C)
Packaging Methods (Taping)
● Minimum Quantity/Packing Unit
● Reel
● Embossed Carrier Taping
style 1, 3, 4
style 2
Type
Packaging Style
Part Number
Minimum Packing
Quantity
Packing Quantity
in Carton
Carton Dimensions
in mm L W H
1 to 5 kVDC
(style 1)
Embossed Carrier
Taping
EC T3
5 to 470 pF
2000
pcs./reel
6000 pcs.
350 350 62
5 kVDC
(style 2)
Embossed Carrier
Taping
ECCT3H
M
5 to 27 pF
2000
pcs./reel
4000 pcs.
350 350 62
4 kVDC
(style 3)
Embossed Carrier
Taping
ECCT3G
JG2
10 to 27 pF
3000
pcs./reel
9000 pcs.
350 350 62
5 kVDC
(style 4)
Embossed Carrier
Taping
ECCT3H
Y
5 to 15 pF
3000
pcs./reel
6000 pcs.
350 350 62
Unit:(mm)
Symbol
A
B
W
F
E
P1
P2
P0
φD0 t1
t2
Dim.
(mm)
style1 6.5
±0.2
7.5
±0.2
12.0
±0.3
5.5
±0.1
1.75
±0.10
8.0
±0.1
2.0
±0.1
4.0
±0.1
1.5
+0.1
–0
0.3
±0.1
3.2
±0.3
style2 6.65
±0.20
11.2
±0.2
24.0
±0.3
11.5
±0.1
1.75
±0.10
12.0
±0.1
2.0
±0.1
4.0
±0.1
1.5
+0.1
–0
0.3
±0.1
3.2
±0.3
style3 4.8
±0.2
6.0
±0.2
12.0
±0.3
5.5
±0.1
1.75
±0.10
8.0
±0.1
2.0
±0.1
4.0
±0.1
1.5
+0.1
–0
0.3
±0.1
2.8
±0.3
style4 4.7
±0.2
10.0
±0.5
16.0
±0.3
7.5
±0.1
1.75
±0.10
8.0
±0.1
2.0
±0.1
4.0
±0.1
1.5
+0.1
–0
0.3
±0.1
2.85
±0.30
Unit:(mm)
Symbol
AB
C
D
E
W
t
r
Dim.
(mm)
style 1, 3
330±5 60 min. 13.0±0.5 21.0±1.0 2.0±0.5
13.5±1.5
2.0±0.5 R1.0
style 2
25.5±1.5
style 4
17.5±1.5
Dec. 2007


Similar Part No. - ECCT3G100DG2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECCT3G100DG2 PANASONIC-ECCT3G100DG2 Datasheet
263Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3G100DG2 PANASONIC-ECCT3G100DG2 Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors For Surface Mounting 1 to 5 kVDC
ECCT3G100DG2 PANASONIC-ECCT3G100DG2 Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
More results

Similar Description - ECCT3G100DG2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-T3A471KB PANASONIC-ECK-T3A471KB Datasheet
129Kb / 4P
   High Voltage Ceramic Capacitors (SMD)
logo
TDK Electronics
C3216C0G2J101J TDK-C3216C0G2J101J Datasheet
221Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C2012JB2E102K TDK-C2012JB2E102K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com