Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32332I5226J071 Datasheet(PDF) 1 Page - EPCOS

Part # B32332I5226J071
Description  Film Capacitors - AC Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32332I5226J071 Datasheet(HTML) 1 Page - EPCOS

  B32332I5226J071 Datasheet HTML 1Page - EPCOS B32332I5226J071 Datasheet HTML 2Page - EPCOS B32332I5226J071 Datasheet HTML 3Page - EPCOS B32332I5226J071 Datasheet HTML 4Page - EPCOS B32332I5226J071 Datasheet HTML 5Page - EPCOS B32332I5226J071 Datasheet HTML 6Page - EPCOS B32332I5226J071 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Film Capacitors – AC Capacitors
Motor run capacitors
Series/Type:
B32330/B32332 – Super Motor Cap™, 420 V, 450 V
Ordering code:
B32330/B32332
Date:
January 2010
Version:
4
 EPCOS AG 2010. Reproduction, publication and dissemination of this publication, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.
entered in headers and footers! Please fill in the
Don't change formatting when entering or pasting text in the table and don't add any cell or line in and to it!
Identification/Classification 1
(header 1 + top left bar):
Film Capacitors – AC Capacitors
Identification/Classification 2
(header 2 + bottom left header bar):
Motor run capacitors
Ordering code: (top right header bar)
B32330/B32332
Series/Type: (top right header bar)
B32330/B32332 – Super Motor Cap
, 420 V, 450 V
Preliminary data (optional):
(if necessary)
Department:
FK PC PM PFC
Date:
January 2010
Version:
4


Similar Part No. - B32332I5226J071

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32332I5226J071 EPCOS-B32332I5226J071 Datasheet
261Kb / 7P
   Film capacitors - AC capacitors
More results

Similar Description - B32332I5226J071

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32320 TDK-B32320_17 Datasheet
130Kb / 8P
   Film Capacitors ??AC Capacitors
B32355 TDK-B32355 Datasheet
262Kb / 7P
   Film Capacitors ??AC Capacitors
logo
EPCOS
B32330B6305J051 EPCOS-B32330B6305J051 Datasheet
316Kb / 6P
   Film capacitors - AC capacitors
B32356B4205J012 EPCOS-B32356B4205J012 Datasheet
262Kb / 6P
   Film capacitors - AC capacitors
B32328A1155J017 EPCOS-B32328A1155J017 Datasheet
384Kb / 8P
   Film capacitors - AC capacitors
logo
TDK Electronics
B32350 TDK-B32350 Datasheet
237Kb / 8P
   Film Capacitors ??AC Capacitors
B33335 TDK-B33335 Datasheet
268Kb / 7P
   Film Capacitors ??AC Capacitors
B32354S TDK-B32354S Datasheet
1Mb / 18P
   Film Capacitors – AC Capacitors
May 2022
logo
EPCOS
B32327C1155J013 EPCOS-B32327C1155J013 Datasheet
421Kb / 8P
   Film capacitors - AC capacitors
B32335B4020J050 EPCOS-B32335B4020J050 Datasheet
380Kb / 7P
   Film capacitors - AC capacitors
B32330B1405J050 EPCOS-B32330B1405J050 Datasheet
338Kb / 6P
   Film capacitors - AC capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com