Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EECHW0D335 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EECHW0D335
Description  Electric Double Layer Capacitors (Gold Capacitor)/ HW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EECHW0D335 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EECHW0D335 Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Electric Double Layer Capacitors (Gold Capacitor)/ HW
(
>8.0 mm dia.)
L+2 max.
Sleeve
14 min.
3min.
φD+0.5 max.
φd±0.05
Vent
Features
● Can be discharged mA or more current.
● RoHS directive compliant
Radial lead Type
Series:
HW
Specifications
Category Temp. Range
–25 °C to +70 °C
–25 °C to +60 °C
Maximum Operating Voltage
2.3 V.DC
2.3 V.DC
2.1 V.DC
Nominal Cap. Range
1 F to 22 F
30, 50 F
70 F
Capacitance Tolerance
–20 % to +40 % (1F : +80 %)
Characteristics at Low
Temperature
Capacitance change
±30 % of initial measured value at +20 °C (–25 °C to +70 °C, +60 °C)
Internal resistance
<4 times of initial measured value at +20 °C (at –25 °C)
Endurance
After 1000 hours application of 2.3 V. DC at +70 °C (+60 °C), the capacitor shall meet the
following limits.
Capacitance change
±30 % of initial measured value
Internal resistance
<2 time of initial specified value
Shelf Life
After 1000 hours storage at +70 °C (+60 °C) without load, the capacitor shall meet the
specified limits for Endurance.
Dimensions in mm(not to scale)
Recommended Applications
● Solar battery operated circuits (Road guidance flasher),
Quick charging motor drives (Toy car)
● Back-up Power Supplies (UPS)
Standard Products
Category
temp.
range
Max.
Operating
Voltage
Capacitance
Internal
resistance
Size (mm)
Part number
Min.
Packaging
Q’ty
(°C)
(V.DC)
(F)
( ) at 1 kHz
φDL
φdP
(pcs)
–25 to +70
2.3
1.0
< 1.0
8.0
22.0
0.7
3.5
EECHW0D105
200
3.3
< 0.3
12.5
23.0
0.8
5.0
EECHW0D335
200
4.7
< 0.3
12.5
23.0
0.8
5.0
EECHW0D475
200
10
< 0.2
12.5
35.0
0.8
5.0
EECHW0D106
100
22
< 0.1
18.0
35.0
0.8
7.5
EECHW0D226
50
–25 to +60
30
< 0.1
18.0
35.0
0.8
7.5
EECHW0D306
50
50
< 0.1
18.0
40.0
0.8
7.5
EECHW0D506
50
2.1
70
< 0.1
18.0
50.0
0.8
7.5
EECHW0D706
50
Note : 1. Do not use reflow soldering. (IR, Atmosphere heating methods, etc. )
Please refer to P197 “Mounting Specifications”.
Jan. 2008


Similar Part No. - EECHW0D335

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECHW0D306 PANASONIC-EECHW0D306 Datasheet
57Kb / 1P
   Radial lead Type
More results

Similar Description - EECHW0D335

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EECF5R5H104N PANASONIC-EECF5R5H104N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224HN PANASONIC-EECRG0V224HN Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
ABC0000CE19 PANASONIC-ABC0000CE19 Datasheet
58Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRG0V224H PANASONIC-EECRG0V224H Datasheet
216Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224H PANASONIC-EECS0HD224H Datasheet
213Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECF5R5U224N PANASONIC-EECF5R5U224N Datasheet
42Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS0HD224N PANASONIC-EECS0HD224N Datasheet
44Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECSE0H224N PANASONIC-EECSE0H224N Datasheet
52Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
EECS5R5H474N PANASONIC-EECS5R5H474N Datasheet
212Kb / 6P
   Electric Double Layer Capacitors (Gold Capacitor)
EECRF0H104N PANASONIC-EECRF0H104N Datasheet
43Kb / 1P
   Electric Double Layer Capacitors (Gold Capacitor)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com