Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41896D4278M001 Datasheet(PDF) 11 Page - EPCOS

Part # B41896D4278M001
Description  Single-ended capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41896D4278M001 Datasheet(HTML) 11 Page - EPCOS

Back Button B41896D4278M001 Datasheet HTML 7Page - EPCOS B41896D4278M001 Datasheet HTML 8Page - EPCOS B41896D4278M001 Datasheet HTML 9Page - EPCOS B41896D4278M001 Datasheet HTML 10Page - EPCOS B41896D4278M001 Datasheet HTML 11Page - EPCOS B41896D4278M001 Datasheet HTML 12Page - EPCOS B41896D4278M001 Datasheet HTML 13Page - EPCOS B41896D4278M001 Datasheet HTML 14Page - EPCOS B41896D4278M001 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
1) Refer to chapter "General technical information, 5.3 Calculation of useful life" for an explanation on how to interpret the useful life
graphs.
Useful life
depending on ambient temperature TA under ripple current operating conditions1)
d = 10 mm
d
≥ 12.5 mm
B41896
Up to 135
°C
Page 11 of 30
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41896D4278M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41896D3398M EPCOS-B41896D3398M Datasheet
620Kb / 35P
   Aluminum electrolytic capacitors
B41896D3398M000 EPCOS-B41896D3398M000 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41896D3398M001 EPCOS-B41896D3398M001 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41896D3398M003 EPCOS-B41896D3398M003 Datasheet
794Kb / 32P
   Long-life grade capacitors
B41896D5108M EPCOS-B41896D5108M Datasheet
620Kb / 35P
   Aluminum electrolytic capacitors
More results

Similar Description - B41896D4278M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com