Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSTV16859DGG Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SSTV16859DGG
Description  2.5 V 13-bit to 26-bit SSTL_2 registered buffer for stacked DDR DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTV16859DGG Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SSTV16859DGG Datasheet HTML 3Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 4Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 5Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 6Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 7Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 8Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 9Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 10Page - NXP Semiconductors SSTV16859DGG Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product data
SSTV16859
2.5 V 13-bit to 26-bit SSTL_2
registered buffer for stacked DDR DIMM
2002 Feb 19
7
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Tamb = 0 to +70 °C
UNIT
MIN
TYP
MAX
VIK
II = –18 mA, VDD = 2.3 V
–1.2
V
VO
IOH = –100 µA, VDD = 2.3 to 2.7 V
VDD – 0.2
V
VOH
IOH = –16 mA, VDD = 2.3 V
1.95
V
VO
IOL = 100 µA, VDD = 2.3 to 2.7 V
0.2
V
VOL
IOL = 16 mA, VDD = 2.3 V
0.35
V
II
All inputs
VI = VDD or GND, VDD = 2.7 V
±5
µA
Static standby
RESET = GND
0.01
IDD
Static operating
RESET = VDD, VI = VIH(AC) or
VIL(AC)
IO = 0, VDD = 2.7 V
45
mA
Dynamic operating –
clock only
RESET = VDD, VI = VIH(AC) or
VIL(AC), CK and CK switching
50% duty cycle.
90
µA/ clock MHz
IDDD
Dynamic operating –
per each data input
RESET = VDD, VI = VIH(AC) or
VIL(AC), CK and CK switching
50% duty cycle. One data input
switching at half clock frequency,
50% duty cycle.
IO = 0, VDD = 2.7 V
20
µA/ clock MHz/
data input
rOH
Output high
IOH = –20 mA, VDD = 2.3 to 2.7 V
7
20
rOL
Output low
IOL = 20 mA, VDD = 2.3 to 2.7 V
7
20
rO(∆)
|rOH – rOL|
each separate bit
IO = 20 mA, Tamb = 25°C, VDD = 2.5 V
4
Data inputs
VI = VREF ± 310 mV, VDD = 2.5 V
2.5
2.74
3.5
Ci
CK and CK
VICR = 1.25 V, VI(PP) = 360 mV, VDD = 2.5 V
2.5
3.15
3.5
pF
RESET
VI = VDD or GND, VDD = 2.5 V
2.27


Similar Part No. - SSTV16859DGG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSTV16859 FAIRCHILD-SSTV16859 Datasheet
168Kb / 8P
   Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
logo
Texas Instruments
SSTV16859 TI-SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SSTV16859 TI1-SSTV16859 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
SSTV16859G FAIRCHILD-SSTV16859G Datasheet
168Kb / 8P
   Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
SSTV16859MTD FAIRCHILD-SSTV16859MTD Datasheet
168Kb / 8P
   Dual Output 13-Bit Register with SSTL-2 Compatible I/O and Reset
More results

Similar Description - SSTV16859DGG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
   DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
   DDR 13-Bit to 26-Bit Registered Buffer
2019
logo
Integrated Circuit Syst...
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
   DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICS16859 ICST-ICS16859 Datasheet
97Kb / 8P
   DDR 13-Bit to 26-Bit Registered Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com