Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTEZN15FA Datasheet(PDF) 3 Page - Switchcraft, Inc.

Part # TTEZN15FA
Description  EZ NORM JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

TTEZN15FA Datasheet(HTML) 3 Page - Switchcraft, Inc.

  TTEZN15FA Datasheet HTML 1Page - Switchcraft, Inc. TTEZN15FA Datasheet HTML 2Page - Switchcraft, Inc. TTEZN15FA Datasheet HTML 3Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EZ Norm Series
www .switchcraft.com
5555 North Elston Avenue / Chicago, IL. 60630
Phone: 773-792-2700
Fax: 773-792-2129
NPB 555
4
Rear Connectors
The EZ Norm is offered with a wide range of back panel termination options.
Included are 3 pin, EDAC 38 pin, EDAC 56 pin, EDAC 90 pin, Cannon DL, Switchcraft PPT's,
solder terminals, and wire wrap terminals.
3 PIN
EDAC 38 PIN
EDAC 56 PIN
EDAC 90 PIN
CANNON DL
SOLDER
TERMINAL
WIRE WRAP
TERMINAL
SWITCHCRAFT’S
PPT PUNCH TERMINAL


Similar Part No. - TTEZN15FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTEZN15PE56 ETC1-TTEZN15PE56 Datasheet
6Mb / 101P
   Pro Audio & Broadcast Catalog
TTEZN15PE90BG ETC1-TTEZN15PE90BG Datasheet
6Mb / 101P
   Pro Audio & Broadcast Catalog
TTEZN15PIDCBG ETC1-TTEZN15PIDCBG Datasheet
6Mb / 101P
   Pro Audio & Broadcast Catalog
More results

Similar Description - TTEZN15FA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX100653 ETC2-AX100653 Datasheet
110Kb / 3P
   CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue
logo
Crydom Inc.,
EZ240A18S CRYDOM-EZ240A18S Datasheet
587Kb / 5P
   EZ Series
logo
SHIELD s.r.l.
MN-UK SHIELD-MN-UK Datasheet
77Kb / 1P
   PVC, HAR-UL-CSA tri-norm, 600 V
logo
Mallory performance clu...
6200M MALLORY-6200M Datasheet
64Kb / 1P
   EZ TRIGGER
logo
Banner Engineering Corp...
EZLSA-K30LGR BANNER-EZLSA-K30LGR Datasheet
205Kb / 2P
   EZ-LIGHT짰 for EZ-SCREEN LS짰
logo
Harwin Plc
S01-30200500 HARWIN-S01-30200500 Datasheet
61Kb / 1P
   EZ SHIELD CAN
logo
Infineon Technologies A...
CYBT-243053-02 INFINEON-CYBT-243053-02 Datasheet
687Kb / 46P
   EZ-BT Module
Rev. A February 24, 2022
CYBT-213043-02 INFINEON-CYBT-213043-02 Datasheet
1Mb / 46P
   EZ-BT Module
Revised February 24, 2022
logo
Cypress Semiconductor
CYBLE-014008-00 CYPRESS-CYBLE-014008-00 Datasheet
1Mb / 42P
   EZ-BLE??PSoC짰 Module
CYBLE-022001-00 CYPRESS-CYBLE-022001-00 Datasheet
1Mb / 38P
   EZ-BLETM PRoCTM Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com