Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQB1H821MF Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECQB1H821MF
Description  Plastic Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQB1H821MF Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECQB1H821MF Datasheet HTML 1Page - Panasonic Semiconductor ECQB1H821MF Datasheet HTML 2Page - Panasonic Semiconductor ECQB1H821MF Datasheet HTML 3Page - Panasonic Semiconductor ECQB1H821MF Datasheet HTML 4Page - Panasonic Semiconductor ECQB1H821MF Datasheet HTML 5Page - Panasonic Semiconductor ECQB1H821MF Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
0.00010
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00012
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00015
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00018
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00022
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00027
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00033
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00039
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00047
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00056
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00068
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.00082
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0010
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0012
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0015
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0018
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0022
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0027
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0033
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0039
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0047
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0056
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0068
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.0082
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.010
7.0
3.0
6.0
11.0
5.00
5.0
0.50
0.012
7.3
3.3
6.3
11.3
5.00
5.0
0.50
0.015
7.5
3.0
6.0
11.0
5.00
5.0
0.50
0.018
7.5
3.0
6.0
11.0
5.00
5.0
0.50
0.022
7.5
3.0
6.0
11.0
5.00
5.0
0.50
0.027
7.5
3.5
6.5
11.5
5.00
5.0
0.50
0.033
7.5
3.5
6.5
11.5
5.00
5.0
0.50
0.039
7.5
4.0
7.0
12.0
5.00
5.0
0.50
0.047
7.5
4.0
7.0
12.0
5.00
5.0
0.50
0.056
8.0
4.3
7.5
12.5
5.00
5.0
0.50
0.068
8.0
4.3
8.5
13.5
5.00
5.0
0.50
0.082
8.0
4.5
8.5
13.5
5.00
5.0
0.50
0.10
8.0
5.0
10.0
15.0
5.00
5.0
0.50
0.12
11.0
5.0
9.5
14.5
7.50
5.0
0.60
0.15
11.0
5.0
10.0
15.0
7.50
5.0
0.60
0.18
11.0
5.5
10.5
15.5
7.50
5.0
0.60
0.22
11.0
6.0
11.5
16.5
7.50
5.0
0.60
0.27
13.0
6.0
12.0
17.0
10.00
5.0
0.60
0.33
13.0
6.5
13.0
18.0
10.00
5.0
0.60
0.39
13.0
7.0
14.0
19.0
10.00
5.0
0.60
0.47
13.0
7.5
14.5
19.5
10.00
5.0
0.60
Quantity
ECQB1H101KF( )
ECQB1H121KF( )
ECQB1H151KF( )
ECQB1H181KF( )
ECQB1H221KF( )
ECQB1H271KF( )
ECQB1H331KF( )
ECQB1H391KF( )
ECQB1H471 MF( )
ECQB1H561 MF( )
ECQB1H681 MF( )
ECQB1H821 MF( )
ECQB1H102 MF( )
ECQB1H122 MF( )
ECQB1H152 MF( )
ECQB1H182 MF( )
ECQB1H222 MF( )
ECQB1H272 MF( )
ECQB1H332 MF( )
ECQB1H392 MF( )
ECQB1H472 MF( )
ECQB1H562 MF( )
ECQB1H682 MF( )
ECQB1H822 MF( )
ECQB1H103 MF( )
ECQB1H123 MF( )
ECQB1H153 MF( )
ECQB1H183 MF( )
ECQB1H223 MF( )
ECQB1H273 MF( )
ECQB1H333 MF( )
ECQB1H393 MF( )
ECQB1H473 MF( )
ECQB1H563 MF( )
ECQB1H683 MF( )
ECQB1H823 MF( )
ECQB1H104 MF( )
ECQB1H124 MF( )
ECQB1H154 MF( )
ECQB1H184 MF( )
ECQB1H224 MF( )
ECQB1H274 MF( )
ECQB1H334 MF( )
ECQB1H394 MF( )
ECQB1H474 MF( )
Part No.
Cap.
(µF)
Dimensions (mm)
Lmax.
Tmax.
Hmax.
Type 1 Type 2
F
Type 1
S
Type 2
ød
Ammo
Reel
2000
1000
2000
1000
IRating, Dimensions & Quantity/Ammo Box & Reel
G Type ECQB(F), Rated voltage:50 VDC, Capacitance tolerance: ±5 %(J), ±10 %(K)
Only ±10 %(K)is available from 0.00010 µF to 0.00039 µF
Suffix for lead crimped or taped type
Cap. tol. code
Style N: 0.00010 µF to 0.10 µF
Style T : 0.12 µF to 0.47 µF
Mar. 2006


Similar Part No. - ECQB1H821MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQB1H821MF PANASONIC-ECQB1H821MF Datasheet
133Kb / 6P
   Polyester Film Capacitor
ECQB1H821MF PANASONIC-ECQB1H821MF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQB1H821MF PANASONIC-ECQB1H821MF Datasheet
133Kb / 6P
   Polyester Film Capacitor
More results

Similar Description - ECQB1H821MF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com