Electronic Components Datasheet Search |
|
ECQV1H394JL Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
ECQV1H394JL Datasheet(HTML) 1 Page - Panasonic Semiconductor |
1 / 3 page Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors ISpecifications Category temp. range (Including temperature-rise on unit surface) Rated voltage Capacitance range Capacitance tolerance Dissipation factor (tan ) Withstand voltage – 40 ˚C to + 105 ˚C 50 VDC, 63 VDC, 100 VDC (Derating of rated voltage by 2.5 %/˚C at more than 85 ˚C) 0.010 µF to 2.2 µF ± 5 %(J) tan < =1.0 % (20 ˚C, 1 kHz) Between terminals : Rated volt. (VDC) ✕ 150 % 60 s Insulation resistance (IR) Type: ECQV(L)/(M) Stacked Metallized Plastic Film Capacitor Designed for high density insertion applications. IFeatures •Small size and large capacitance •Excellent electric characteristics in non-inductive construction •Wide range for automatic insertion •RoHS directive compliant IRecommended Applications •General purpose •Noise suppression for logic circuit IExplanation of Part Numbers 123456789 10 11 12 E C Q V Product code Dielectric & construction Rated voltage Capacitance J Cap. Tol. Suffix Suffix IDimensions in mm (not to scale) IPackaging Specifications for Bulk Package IPacking quantity:100 pcs./bag C < = 0.33 µF : IR> =3000 M Ω 20 ˚C, 50 VDC, 60 s ECQV1H, ECQV1J C > 0.33 µF : IR> =1000 M Ω . µF 20 ˚C, 100 VDC, 60 s ECQV1 () ❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”. 1H 1J 1 50 VDC 63 VDC 100 VDC L M 50 VDC 63 VDC 100 VDC Suffix Blank W 2 3 5 9 Lead Form Straight Crimped lead Straight taping (Ammo) Crimped taping (Ammo) Straight taping (Reel) Crimped taping (Reel) |
Similar Part No. - ECQV1H394JL |
|
Similar Description - ECQV1H394JL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |