Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFFD1B150R Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEFFD1B150R
Description  SP-Cap/ Polymer Aluminum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFFD1B150R Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEFFD1B150R Datasheet HTML 1Page - Panasonic Semiconductor EEFFD1B150R Datasheet HTML 2Page - Panasonic Semiconductor EEFFD1B150R Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SP-Cap/ Polymer Aluminum Capacitors
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– EE15 –
Standard Products
✽1: Ripple current (100 kHz/ +20 to +105 °C ), ✽2: ESR (100 kHz/+20 °C)
✽3: Please confirm EE23 in detail of the Mouting Specifications.
Series &
Size Code
Rated
W.V.
(V.DC)
Capaci-
tance
(±20 %)
(µF)
Case Size
Specification
Part number
Min.
Packaging
Q’ty
(pcs)
L
(mm)
W
(mm)
H
(mm)
✽1
Ripple
current
(Ar.m.s.)
ESR
2
✽3
Reflow condition : 240 °C
✽3
Reflow condition : 260 °C
[Proposal]
( )
FD
268
7.3
4.3
1.1
2.0
0.028
EEFFD0D680R
3500
2.5
56
7.3
4.3
1.1
2.0
0.028
EEFFD0E560R
3500
4
39
7.3
4.3
1.1
2.0
0.028
EEFFD0G390R
3500
47
7.3
4.3
1.1
2.0
0.028
EEFFD0G470R
3500
6.3
33
7.3
4.3
1.1
2.0
0.028
EEFFD0J330R
3500
822
7.3
4.3
1.1
2.0
0.028
EEFFD0K220R
3500
12.5
15
7.3
4.3
1.1
1.4
0.040
EEFFD1B150R
3500
CD
2
100
7.3
4.3
1.8
2.5
0.018
EEFCD0D101R
EEFCD0D101ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0D101XR
EEFCD0D101XE
3500
120
7.3
4.3
1.8
2.5
0.018
EEFCD0D121R
EEFCD0D121ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0D121XR
EEFCD0D121XE
3500
150
7.3
4.3
1.8
2.5
0.018
EEFCD0D151R
EEFCD0D151ER
3500
180
7.3
4.3
1.8
2.5
0.018
EEFCD0D181R
EEFCD0D181ER
3500
220
7.3
4.3
1.8
2.5
0.018
EEFCD0D221R
EEFCD0D221ER
3500
2.5
82
7.3
4.3
1.8
2.5
0.018
EEFCD0E820R
EEFCD0E820ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0E820XR
EEFCD0E820XE
3500
100
7.3
4.3
1.8
2.5
0.018
EEFCD0E101R
EEFCD0E101ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0E101XR
EEFCD0E101XE
3500
120
7.3
4.3
1.8
2.5
0.018
EEFCD0E121R
EEFCD0E121ER
3500
150
7.3
4.3
1.8
2.5
0.018
EEFCD0E151R
EEFCD0E151ER
3500
4
56
7.3
4.3
1.8
2.5
0.018
EEFCD0G560R
EEFCD0G560ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0G560XR
EEFCD0G560XE
3500
68
7.3
4.3
1.8
2.5
0.018
EEFCD0G680R
EEFCD0G680ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0G680XR
EEFCD0G680XE
3500
82
7.3
4.3
1.8
2.5
0.018
EEFCD0G820R
EEFCD0G820ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0G820XR
EEFCD0G820XE
3500
100
7.3
4.3
1.8
2.5
0.018
EEFCD0G101R
EEFCD0G101ER
3500
6.3
10
7.3
4.3
1.8
1.4
0.055
EEFCD0J100R
EEFCD0J100ER
3500
22
7.3
4.3
1.8
1.6
0.040
EEFCD0J220R
EEFCD0J220ER
3500
33
7.3
4.3
1.8
2.0
0.028
EEFCD0J330R
EEFCD0J330ER
3500
47
7.3
4.3
1.8
2.5
0.018
EEFCD0J470R
EEFCD0J470ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0J470XR
EEFCD0J470XE
3500
68
7.3
4.3
1.8
2.5
0.018
EEFCD0J680R
EEFCD0J680ER
3500
7.3
4.3
1.8
2.7
0.015
EEFCD0J680XR
EEFCD0J680XE
3500
8
8.2
7.3
4.3
1.8
1.4
0.055
EEFCD0K8R2R
EEFCD0K8R2ER
3500
15
7.3
4.3
1.8
1.6
0.040
EEFCD0K150R
EEFCD0K150ER
3500
22
7.3
4.3
1.8
1.8
0.028
EEFCD0K220R
EEFCD0K220ER
3500
33
7.3
4.3
1.8
2.5
0.018
EEFCD0K330R
EEFCD0K330ER
3500
47
7.3
4.3
1.8
1.8
0.025
EEFCD0K470R
EEFCD0K470ER
3500
10
22
7.3
4.3
1.8
1.6
0.030
EEFCD1A220ER
3500
33
7.3
4.3
1.8
1.8
0.025
EEFCD1A330ER
3500
39
7.3
4.3
1.8
1.8
0.025
EEFCD1A390ER
3500
12.5
4.7
7.3
4.3
1.8
1.0
0.080
EEFCD1B4R7R
3500
10
7.3
4.3
1.8
1.0
0.060
EEFCD1B100R
3500
15
7.3
4.3
1.8
1.3
0.050
EEFCD1B150R
3500
22
7.3
4.3
1.8
1.6
0.030
EEFCD1B220R
3500
16
2.2
7.3
4.3
1.8
1.0
0.110
EEFCD1C2R2R
3500
4.7
7.3
4.3
1.8
1.0
0.080
EEFCD1C4R7R
3500
6.8
7.3
4.3
1.8
1.0
0.070
EEFCD1C6R8R
3500
8.2
7.3
4.3
1.8
1.3
0.045
EEFCD1C8R2R
3500
CX
2
220
7.3
4.3
1.9
2.7
0.015
EEFCX0D221R
3500
270
7.3
4.3
1.9
3.0
0.012
EEFCX0D271XR
3500
330
7.3
4.3
1.9
2.7
0.015
EEFCX0D331R
3500
7.3
4.3
1.9
3.0
0.012
EEFCX0D331XR
3500
390
7.3
4.3
1.9
2.7
0.015
EEFCX0D391R
3500
470
7.3
4.3
1.9
2.7
0.015
EEFCX0D471R
3500
2.5
220
7.3
4.3
1.9
2.7
0.015
EEFCX0E221R
3500
330
7.3
4.3
1.9
2.7
0.015
EEFCX0E331R
3500
390
7.3
4.3
1.9
2.7
0.015
EEFCX0E391R
3500
4
150
7.3
4.3
1.9
2.7
0.015
EEFCX0G151R
3500
180
7.3
4.3
1.9
2.7
0.015
EEFCX0G181R
3500
7.3
4.3
1.9
3.0
0.012
EEFCX0G181XR
3500
220
7.3
4.3
1.9
2.7
0.015
EEFCX0G221R
3500
7.3
4.3
1.9
3.0
0.012
EEFCX0G221XR
3500
6.3
100
7.3
4.3
1.9
2.7
0.015
EEFCX0J101R
3500
120
7.3
4.3
1.9
2.7
0.015
EEFCX0J121R
3500
150
7.3
4.3
1.9
2.7
0.015
EEFCX0J151R
3500
7.3
4.3
1.9
3.0
0.012
EEFCX0J151XR
3500
02 Dec. 2008


Similar Part No. - EEFFD1B150R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFFD1B150R PANASONIC-EEFFD1B150R Datasheet
50Kb / 3P
   Specialty Polymer Aluminum Electrolytic Capacitor
EEFFD1B150R PANASONIC-EEFFD1B150R Datasheet
90Kb / 3P
   Surface Mount Type
EEFFD1B150R PANASONIC-EEFFD1B150R Datasheet
97Kb / 3P
   SP-Cap Conductive Poiymer Aluminurm Capacitors Specialty Polymer Aluminu Capacitors
EEFFD1B150R PANASONIC-EEFFD1B150R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEFFD1B150R PANASONIC-EEFFD1B150R Datasheet
89Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
More results

Similar Description - EEFFD1B150R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFGX0D331R PANASONIC-EEFGX0D331R Datasheet
55Kb / 1P
   SP-Cap/ Polymer Aluminum Capacitors
EEFLX0D331R PANASONIC-EEFLX0D331R Datasheet
54Kb / 1P
   SP-Cap/ Polymer Aluminum Capacitors
EEF-UE0J221LR PANASONIC-EEF-UE0J221LR Datasheet
89Kb / 3P
   SP-Cap/ Polymer Aluminum Capacitors
EEF-SD0J121R PANASONIC-EEF-SD0J121R Datasheet
182Kb / 4P
   SP-Cap/ Polymer Aluminum Capacitors
EEF-HE0G181R PANASONIC-EEF-HE0G181R Datasheet
127Kb / 4P
   SP-Cap/ Polymer Aluminum Capacitors
EEF-UE0E331R PANASONIC-EEF-UE0E331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com